Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5520379A-T1A-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # NE5520379A-T1A-A
Description  NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5520379A-T1A-A Datasheet(HTML) 7 Page - California Eastern Labs

  NE5520379A-T1A-A Datasheet HTML 1Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 2Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 3Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 4Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 5Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 6Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 7Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 8Page - California Eastern Labs NE5520379A-T1A-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NE5520379A
1
TF-100637
TEST CIRCUIT BLK
16
4
2-56 X 3/16 PHILLIPS PAN HEAD
15
2
MA101J
C2, C3
CASE 1100 pF CAP MURATA
14
1
MCR03J512
R1
0603 5.1K OHMS RESISTOR ROHM
13
2
MCH185A180JK
C4, C7
0603 18 pF CAP ROHM
12
1
MCH185A4R7CK
C14
0603 4.7 pF CAP ROHM
11
2
MCH185A100DK
C1, C5
0603 10 pF CAP ROHM
10
1
MCH185A8R2DK
C6
0603 8.2 pF CAP ROHM
9
2
TAJB475K010R
C12, C13
CASE B 4.7 uF CAP ATC
8
2
GRM40X7R104K025BL C10, C11
0805 .1 uF CAP MURATA
7
2
GRM40C0G102J050BD C8, C9
0805 1000 pF CAP MURATA6
1
NE5520379A
U1
IC NEC, LD-MOS FET
5
1
703401
P1
GROUND LUG CONCORD
4
1
1250-003
J3, J4
FEEDTHRU MURATA
3
2
2052-5636-02
J1, J2
FLANGE MOUNT JACK RECEPTACLE
2
1
FD-100637
PCB
NE5520379A-EVAL FAB. DRAWING
1
NE5520379A PARTS LIST
VGG(+2.0 V)
RF Input
RF Output
100pF
NE5520379A
+
VDD (+3.1 V)
1000pF
4.7uF
0.1uF 4.7uF
100pF
1000pF
0.1uF
+
4.7pF
10pF
5KΩ
18pF
18pF
8.2pF
10pF
J1
P1
GND
RFIN
J2
RFOUT
VG
J3
VD
J4
C3
C5
C9
C11
C2
C8
C10
R1
C1
C4
C14
U1
C6
100637
NE55XXX79A-EV
C12
C13
C7
LEAD ON DRAIN IS LARGER
DRAIN
GATE
SOURCE
APPLICATION CIRCUIT (900 MHz)
P.C.B. LAYOUT (Units in mm)
79A PACKAGE
4.0
1.7
6.1
0.5
0.5
Source
Drain
Gate
Through hole φ 0.2 × 33
Note:
Use rosin or other material to prevent solder from penetrating
through-holes.


Similar Part No. - NE5520379A-T1A-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5520379A-T1A RENESAS-NE5520379A-T1A Datasheet
295Kb / 13P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE5520379A-T1A-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5520279A NEC-NE5520279A Datasheet
166Kb / 7P
   NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
California Eastern Labs
NE552R479A CEL-NE552R479A Datasheet
495Kb / 9P
   NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
NE5520279A CEL-NE5520279A Datasheet
351Kb / 8P
   3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
logo
California Eastern Labs
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com