Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE52418 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE52418
Description  NECs L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE52418 Datasheet(HTML) 4 Page - California Eastern Labs

  NE52418 Datasheet HTML 1Page - California Eastern Labs NE52418 Datasheet HTML 2Page - California Eastern Labs NE52418 Datasheet HTML 3Page - California Eastern Labs NE52418 Datasheet HTML 4Page - California Eastern Labs NE52418 Datasheet HTML 5Page - California Eastern Labs NE52418 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions. For soldering methods and
conditions other than those recommended below, contact your CEL Sales Representative.
Note:
1. After opening the dry pack, keep it in a place below 25 ˚C and 65% RH for the allowable storage period.
CAUTION:
Do not use different soldering methods together (except for partial heating).
PRECAUTION:
Avoid high static voltage and electric fields.
SOLDERING
SOLDERING
RECOMMENDED CONDITION
METHOD
CONDITIONS
SYMBOL
Infrared Reflow
Package Peak Temperature: 230 ˚C or below
IR30-00-3
Time: 30 seconds or less ( at 210 ˚C)
Count: 3, Exposure limit: None1
VPS
Package Peak Temperature: 215 ˚C or below
VP15-00-2
Time: 40 seconds or less (at 200 ˚C)
Count: 2, Exposure limit: None1
WAVE SOLDERING
Soldering Bath Temperature: 260 ˚C or below
WS60-00-1
Time: 10 seconds or less (at 200 ˚C)
Count: 1, Exposure limit: None1
PARTIAL HEATING
Pin Temperature: 300 ˚C or below
Time: 3 seconds or less (per side of device)
Exposure limit: None1
NE52418
PACKAGE OUTLINE 18
PIN CONNECTIONS
1. Emitter
2. Base
3. Emitter
4. Collector
2.1 ± 0.2
1.25 ± 0.1
1
2
3
0.3
(LEADS 2, 3, 4)
0.3
0.9 ± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0 ± 0.2
4
0.4
+0.10
-0.05
1.3
+0.10
-0.05
0.65
0.65
0.60
0.65
ORDERING INFORMATION
PART
QUANTITY
NUMBER
NE52418-T1-A
3 K pcs/Reel
Note: 8-mm wide embossed tape, pin 3 (Emitter),
pin 4 (Collector) face perforated side of tape.
PACKAGE DIMENSIONS (Units in mm)


Similar Part No. - NE52418

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE52418 RENESAS-NE52418 Datasheet
231Kb / 14P
   GaAs HETEROJUNCTION BIPOLAR TRANSISTOR
2001
NE52418-T1 RENESAS-NE52418-T1 Datasheet
231Kb / 14P
   GaAs HETEROJUNCTION BIPOLAR TRANSISTOR
2001
More results

Similar Description - NE52418

ManufacturerPart #DatasheetDescription
logo
NEC
NE52118 NEC-NE52118 Datasheet
63Kb / 12P
   L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE52118 NEC-NE52118_00 Datasheet
41Kb / 7P
   L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
California Eastern Labs
NE67400 CEL-NE67400 Datasheet
110Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
NEC
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
California Eastern Labs
NE67400B CEL-NE67400B Datasheet
116Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
logo
NEC
NE76118 NEC-NE76118 Datasheet
51Kb / 8P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com