Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE856M23 Datasheet(PDF) 2 Page - NEC

Part # NE856M23
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856M23 Datasheet(HTML) 2 Page - NEC

  NE856M23 Datasheet HTML 1Page - NEC NE856M23 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3
IC
Collector Current
mA
100
PT
Total Power Dissipation
mW
TBD
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
02/10/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
NE856M23
Collector Current, IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
VCE = 3 V
1000
10
100
0.01
100
10
1
0.1
VCE = 3 V
f = 2 GHz
8
100
10
1
0
1
2
3
4
5
6
7
Collector to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IB = 40
µA step
200
µA
400
µA
IB = 40
µA
120
0
20
40
60
80
100
14
12
10
8
6
4
2
0
VCE = 3 V
120
0
20
40
60
80
100
01
0.8
0.6
0.4
0.2
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage, VBE (V)
GA
NF
VCE = 3 V
f = 1 GHz
10
8
20
16
12
8
4
0
100
10
1
0
2
4
6
Collector Current, IC (mA)
NOISE FIGURE/ASSOCIATED GAIN vs.
COLLECTOR CURRENT


Similar Part No. - NE856M23

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
NEC
NE856M02-T1 NEC-NE856M02-T1 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02-T1-AZ CEL-NE856M02-T1-AZ Datasheet
206Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
NEC
NE856M03 NEC-NE856M03 Datasheet
37Kb / 3P
   NPN SILICON TRANSISTOR
More results

Similar Description - NE856M23

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com