Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE851M33 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE851M33
Description  NECs NPN SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE851M33 Datasheet(HTML) 2 Page - California Eastern Labs

  NE851M33 Datasheet HTML 1Page - California Eastern Labs NE851M33 Datasheet HTML 2Page - California Eastern Labs NE851M33 Datasheet HTML 3Page - California Eastern Labs NE851M33 Datasheet HTML 4Page - California Eastern Labs NE851M33 Datasheet HTML 5Page - California Eastern Labs NE851M33 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NE851M33
ELECTRICAL CHARACTERISTICS (TA=+25ºC)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
600
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
600
nA
DC Current Gain
hFE Note 1
VCE = 1 V, IC = 5 mA
100
120
145
RF Characteristics
Gain Bandwidth Product (1)
fT
VCE = 1 V, IC = 5 mA, f = 2 GHz
3.0
4.5
GHz
Gain Bandwidth Product (2)
fT
VCE = 1 V, IC = 15 mA, f = 2 GHz
5.0
6.5
GHz
Insertion Power Gain (1)
|S21e|2
VCE = 1 V, IC = 5 mA, f = 2 GHz
3.0
4.0
dB
Insertion Power Gain (2)
|S21e|2
VCE = 1 V, IC = 15 mA, f = 2 GHz
4.5
5.5
dB
Noise Figure
NF
VCE = 1 V, IC = 10 mA, f = 2 GHz,
ZS = Zopt
1.9
2.5
dB
Reverse Transfer Capacitance
Cre Note 2
VCB = 0.5 V, IC = 0 mA, f = 1 MHz
0.6
0.8
pF
Notes 1. Pulse measurement: PW ≤ 350 μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
RANK
FB
Marking
E7
hFE Value
100 to 145


Similar Part No. - NE851M33

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE851M33 RENESAS-NE851M33 Datasheet
242Kb / 11P
   NPN SILICON RF TRANSISTOR
2008
NE851M33-A RENESAS-NE851M33-A Datasheet
242Kb / 11P
   NPN SILICON RF TRANSISTOR
2008
NE851M33-T3 RENESAS-NE851M33-T3 Datasheet
242Kb / 11P
   NPN SILICON RF TRANSISTOR
2008
NE851M33-T3-A RENESAS-NE851M33-T3-A Datasheet
242Kb / 11P
   NPN SILICON RF TRANSISTOR
2008
More results

Similar Description - NE851M33

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
NE851M03 CEL-NE851M03 Datasheet
470Kb / 10P
   NECs NPN SILICON TRANSISTOR
NE681M03 CEL-NE681M03 Datasheet
142Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE685M33 CEL-NE685M33 Datasheet
359Kb / 6P
   NECs NPN SILICON TRANSISTOR
NE894M03 CEL-NE894M03 Datasheet
137Kb / 8P
   NECs NPN SILICON TRANSISTOR
NE687M33 CEL-NE687M33 Datasheet
344Kb / 6P
   NECs NPN SILICON TRANSISTOR
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com