Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE698M01-T1 Datasheet(PDF) 6 Page - NEC

Part # NE698M01-T1
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIFH-GAIN AMPLIFICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE698M01-T1 Datasheet(HTML) 6 Page - NEC

  NE698M01-T1 Datasheet HTML 1Page - NEC NE698M01-T1 Datasheet HTML 2Page - NEC NE698M01-T1 Datasheet HTML 3Page - NEC NE698M01-T1 Datasheet HTML 4Page - NEC NE698M01-T1 Datasheet HTML 5Page - NEC NE698M01-T1 Datasheet HTML 6Page - NEC NE698M01-T1 Datasheet HTML 7Page - NEC NE698M01-T1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
0.910
-5.49
7.711
170.42
0.006
85.31
0.983
-4.58
0.15
31.2
200
0.903
-12.15
7.507
165.89
0.012
79.32
0.975
-8.86
0.15
28.0
300
0.886
-18.46
7.391
159.88
0.017
74.51
0.962
-13.10
0.19
26.3
400
0.867
-23.84
7.277
153.86
0.022
71.17
0.949
-17.19
0.21
25.1
500
0.844
-29.82
7.211
148.01
0.027
67.27
0.932
-21.20
0.24
24.2
600
0.818
-35.35
7.024
142.43
0.031
63.60
0.913
-24.97
0.28
23.5
700
0.789
-40.72
6.842
136.76
0.035
59.99
0.893
-28.57
0.33
22.9
800
0.758
-46.19
6.679
131.59
0.038
56.72
0.873
-31.93
0.37
22.4
900
0.727
-51.33
6.479
126.49
0.041
53.71
0.853
-35.20
0.41
21.9
1000
0.696
-56.23
6.281
121.67
0.044
51.05
0.833
-38.24
0.45
21.6
1200
0.632
-66.19
5.923
112.11
0.047
46.49
0.796
-44.05
0.54
21.0
1400
0.573
-75.35
5.541
103.48
0.050
43.02
0.763
-49.33
0.64
20.5
1600
0.519
-84.27
5.162
95.39
0.051
40.54
0.735
-54.29
0.74
20.1
1800
0.465
-93.54
4.858
87.66
0.051
39.26
0.711
-59.16
0.85
19.8
2000
0.421
-102.59
4.554
80.30
0.051
38.93
0.692
-63.82
0.96
19.5
2200
0.387
-112.30
4.244
73.46
0.051
39.56
0.679
-68.35
1.06
17.7
2400
0.355
-122.55
3.999
66.73
0.051
41.72
0.667
-73.12
1.16
16.5
2600
0.331
-133.20
3.771
60.20
0.051
44.53
0.659
-77.85
1.25
15.7
2800
0.317
-144.52
3.554
53.94
0.052
48.11
0.656
-82.78
1.30
15.1
3000
0.309
-156.20
3.363
47.78
0.054
52.26
0.655
-87.66
1.31
14.6
3500
0.328
177.03
2.911
33.02
0.065
60.65
0.668
-100.67
1.19
13.9
4000
0.383
156.43
2.518
19.22
0.082
64.68
0.692
-113.87
0.98
14.9
4500
0.451
142.11
2.167
6.57
0.104
64.38
0.723
-126.63
0.77
13.2
5000
0.527
130.35
1.864
-4.78
0.126
61.60
0.737
-136.90
0.64
11.7
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
VCE = 2 V, Ic = 3 mA
Coordinates in Ohms
Frequency in GHz
(VCE = 2 V, IC = 3 mA)
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
S11
1 GHz
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S22
5 GHz
S11
5 GHz
S22
1 GHz
120˚
90˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
S12
5 GHz
S21
1 GHz
60˚
S12
1 GHz
S21
5 GHz
NE698M01


Similar Part No. - NE698M01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE69039 NEC-NE69039 Datasheet
27Kb / 2P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
NE69039 CEL-NE69039 Datasheet
188Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
NE69039 RENESAS-NE69039 Datasheet
327Kb / 14P
   SILICON TRANSISTOR
1995
logo
NEC
NE69039-T1 NEC-NE69039-T1 Datasheet
27Kb / 2P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
NE69039-T1 RENESAS-NE69039-T1 Datasheet
327Kb / 14P
   SILICON TRANSISTOR
1995
More results

Similar Description - NE698M01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5408 NEC-2SC5408 Datasheet
50Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
2SC5409 NEC-2SC5409 Datasheet
39Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
NE699M01 NEC-NE699M01 Datasheet
50Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
2SC5369 NEC-2SC5369 Datasheet
72Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
logo
New Jersey Semi-Conduct...
2SC3604 NJSEMI-2SC3604 Datasheet
198Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
NEC
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3587 NEC-2SC3587 Datasheet
91Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
2SC3603 NEC-2SC3603 Datasheet
89Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com