Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE687M23 Datasheet(PDF) 2 Page - NEC

Part # NE687M23
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE687M23 Datasheet(HTML) 2 Page - NEC

  NE687M23 Datasheet HTML 1Page - NEC NE687M23 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
5
VCEO
Collector to Emitter Voltage
V
3
VEBO
Emitter to Base Voltage
V
2
IC
Collector Current
mA
30
PT
Total Power Dissipation
mW
TBD
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE687M23
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
02/10/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Collector Current, IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Base to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Collector Current, IC (mA)
NOISE FIGURE/ASSOCIATED GAIN vs.
COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
VCE = 1 V
60
1
0.8
0.6
0.4
0.2
0
0
10
20
30
40
50
60
50
40
1
0
0
10
20
30
234
IB 40
µA step
400
µA
200
µA
IB = 40
µA
VCE = 1 V
1000
100
10
1
0.1
0.01
10
100
16
12
8
4
100
10
1
0
VCE = 1 V
f = 2 GHz
VCE = 1 V
f = 1 GHz
Ga
NF
5
0
4
8
12
16
20
100
10
1
0
1
2
3
4


Similar Part No. - NE687M23

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M03-A CEL-NE687M03-A Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M03-T1-A CEL-NE687M03-T1-A Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
NE687M13-A CEL-NE687M13-A Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results

Similar Description - NE687M23

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com