Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE685M33-T3-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE685M33-T3-A
Description  NECs NPN SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE685M33-T3-A Datasheet(HTML) 3 Page - California Eastern Labs

  NE685M33-T3-A Datasheet HTML 1Page - California Eastern Labs NE685M33-T3-A Datasheet HTML 2Page - California Eastern Labs NE685M33-T3-A Datasheet HTML 3Page - California Eastern Labs NE685M33-T3-A Datasheet HTML 4Page - California Eastern Labs NE685M33-T3-A Datasheet HTML 5Page - California Eastern Labs NE685M33-T3-A Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NE685M33
TYPICAL CHARACTERISTICS (TA=+25ºC, unless otherwise specified)
Remark The graphs indicate nominal characteristics.
VCE = 1 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
VCE = 3V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
VCE = 2 V
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.5
0.6
0.4
0.8
0.9
1.0
f = 1 MHz
0.5
0.2
0.1
0
2
4
6
8
10
250
200
150
100
50
0
25
50
75
100
125
150
130
0.4
0.3
40
10
20
30
0
2
4
6
8
IB = 50 A
µ
200 A
µ
300 A
µ
350 A
µ
400 A
µ
150 A
µ
100 A
µ
35
25
15
5
250 A
µ
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (ºC)
Mounted on Glass Epoxy PCB
(1.08 cm2 × 1.0 mm (t) )
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE


Similar Part No. - NE685M33-T3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE685M33-T3 RENESAS-NE685M33-T3 Datasheet
217Kb / 9P
   NPN SILICON RF TRANSISTOR
2003
More results

Similar Description - NE685M33-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
NE851M03 CEL-NE851M03 Datasheet
470Kb / 10P
   NECs NPN SILICON TRANSISTOR
NE851M33 CEL-NE851M33 Datasheet
346Kb / 6P
   NECs NPN SILICON TRANSISTOR
NE681M03 CEL-NE681M03 Datasheet
142Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE894M03 CEL-NE894M03 Datasheet
137Kb / 8P
   NECs NPN SILICON TRANSISTOR
NE687M33 CEL-NE687M33 Datasheet
344Kb / 6P
   NECs NPN SILICON TRANSISTOR
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com