Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFC903A70TTC05 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SAFC903A70TTC05
Description  CERAMIC MICROWAVE FILTERS SAW FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFC903A70TTC05 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SAFC903A70TTC05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFC903A70TTC05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFC903A70TTC05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFC903A70TTC05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SAFC903A70TTC05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
s Standard part frequency range (80MHz – 2.0GHz)
s Low passband ripple
s Linear phase
s High selectivity
APPLICATIONS
s Cellular Phone: E-AMPS, PCS and GSM, PDC
s Cordless Phone: CT-1, ISM, DECT
s Land Mobile Radio (LMR)
s 915 MHz ISM
s Pager
s RKE
s GPS
SAF
C
860.5M
A*
7*
0*
N
– TC
Designates
C – Surface Mount
Center
Alpha
Numeric
Numeric
Substrate:
180mm dia reels:
Saw Filters
Multi-Layered Ceramic
Frequency
Character for
Package
Performance
T – Lithium
TC = 500/Reel
U – Surface Mount
in MHz
Design
Style
Code
Tantalate
TC11 = 1,000/Reel
Single Layer Ceramic
Characteristics
Code
N – Lithium
TC12 = 2,000/Reel
Niobate
330mm dia reels:
X – Crystal
TC00 = 10,000/Reel
S – Sapphire
TC05 = 5,000/Reel
TC04 = 4,000/Reel
TC02 = 2,000/Reel
*Consult Microwave Group for details by part number.
PART NUMBERING SYSTEM
TYPICAL CELLULAR SYSTEM
AND SAW POSSIBILITIES
SAW Rx
FILTER
SAW LOCAL
FILTER
SAW
IF
FILTER
SAW Tx
FILTER
MIXER
MIXER
LNA
ANT
DUPLEXER
P.A.
AF
IF
TCXO
P.S.
PLL
LPF
VCO
90MHz
PLL
ATTENUATION VS. FREQUENCY – GENERAL
COMPARISON OF FILTER CHARACTERISTICS
Frequency
SAW
LC
Dielectric
CERAMIC MICROWAVE FILTERS
SAW FILTERS
350
CG01-I
SAF Series


Similar Part No. - SAFC903A70TTC05

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAFC105M50R501 SHARMA-SAFC105M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC106M16R501 SHARMA-SAFC106M16R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M35R501 SHARMA-SAFC155M35R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M50R501 SHARMA-SAFC155M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC156M10R501 SHARMA-SAFC156M10R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - SAFC903A70TTC05

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
   SAW filters
March 2010
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
   SAW filters
SEPT 04
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
   SAW filters
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
   SAW filters
logo
List of Unclassifed Man...
ACTF378 ETC-ACTF378 Datasheet
144Kb / 5P
   SAW filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
   SAW Devices(SAW Filters)
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
   1575.42MHz SAW filters
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
   IF SAW Filters
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
   IF SAW Filters
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com