Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT32-2039AT Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DT32-2039AT
Description  ADSL TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DT32-2039AT Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DT32-2039AT Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31-1, SHIEN PAN ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3626301 FAX: 886-3-3618901
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
http://www.deltaww.com
DT32-2010T
DT32-2023AT
DT32-2039AT
DT32-2014T
DIMENSIONS IN mm
AB
C
D
E
F
12.7 MAX.
2.79 MIN.
14.0 MAX.
14.0 MAX.
10.16 0.3
2.54 0.3
ADSL Transformer
Transformers
Telecommunication
DT32-2010T
DT32-2023AT
DT32-2039AT
DT32-2014T
T.R
(PRI:SEC): 1:1 1%
(PRI:SEC): 1:1.27 2%
(PRI:SEC): 1.27:1 2%
(PRI:SEC): 1:1 1%
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
L
PRI: 5.0mH 10%
PRI: 17.6mH Min.
SEC: 1.8mH Min.
PRI: 5.0mH 10%
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
L.K
PRI: 16uH Max.
PRI: 12uH Max.
SEC: 7.5uH Max.
PRI: 18uH Max.
@100KHz 0.1V
@100KHz 0.1V
@100KHz 0.1V
@100KHz 0.1V
D.C.R
N1: 1.29
10%
PRI: 2.20 Max.
SEC: 2.20 Max.
HI-POT
1875 VAC 1 SEC
1500 VAC 2 SEC
1500 VAC 2 SEC
1500 VAC 2 SEC
C
50pF Max. @10KHz 1V
I.L
0.5dB Max. @100KHz
0.15dB Max. @100KHz
0.5dB Max. @100KHz
0.5dB Max. @100KHz
L.B
40dB Min.
40dB Min.
50dB Min.
40dB Min.
@1KHz~1MHz
@1KHz~1MHz
@30KHz~1MHz
@20KHz~1MHz
FR
1.1dB
0.55dB
@30KHz~1.1MHz
@30KHz~1.1MHz
R.L
15dB Typ.
T.H.D
-90dB Max.
-80dB Max. @30KHz
-80dB Max.
@40KHz 2.5Vrms
Schematic
2
2
1
2
N1: 0.41
10%
PRI: 3.0 Max.
N2: 1.29
10%
N2: 0.41
10%
SEC: 3.0 Max.
N3: 1.10
10%
N3: 0.63
10%
N4: 1.50
10%
N4: 0.63
10%
@30KHz~1MHz
@30KHz
-70dB Max.@200KHz
ELECTRICAL CHARACTERISTICS
----------------
----------------
----------------
----------------
----------------
----------------
----------------
----------------
----------------
PRI
7
9
8
10
N2
N1
4
N3
N4
2
3
1
SEC
(1)
1
PRI
4
2
3
N2
N1
10
(2)
N4
N3
SEC
9
7
8
XXXX : DATE CODE
WHITE DOT ON PIN1
0.5
TINNED CP WIRE
F
D
1
10
B
10
A
E C
2 3 4 5
9
8 7 6
98 7 6
6
DELTAXXXX
5
DT32-20XXXX
5


Similar Part No. - DT32-2039AT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT32-2034B DELTA-DT32-2034B Datasheet
65Kb / 1P
   ADSL Transformer
More results

Similar Description - DT32-2039AT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6644 FILTRAN-6644 Datasheet
68Kb / 1P
   ADSL Transformer
logo
XFMRS Inc.
XF0053A-EP13S XFMRS-XF0053A-EP13S Datasheet
75Kb / 1P
   ADSL TRANSFORMER
XF0709-AD23S XFMRS-XF0709-AD23S Datasheet
47Kb / 1P
   ADSL TRANSFORMER
XF0709-AD24S XFMRS-XF0709-AD24S Datasheet
43Kb / 1P
   ADSL TRANSFORMER
XF0709-AD25S XFMRS-XF0709-AD25S Datasheet
49Kb / 1P
   ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A Datasheet
63Kb / 1P
   ADSL TRANSFORMER
XFADSL33 XFMRS-XFADSL33 Datasheet
101Kb / 1P
   ADSL TRANSFORMER
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
   ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
   ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
   ADSL TRANSFORMER
XFADSL1S XFMRS-XFADSL1S Datasheet
61Kb / 1P
   ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com