Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY26114 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY26114
Description  One-PLL Clock Generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26114 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY26114 Datasheet HTML 1Page - Cypress Semiconductor CY26114 Datasheet HTML 2Page - Cypress Semiconductor CY26114 Datasheet HTML 3Page - Cypress Semiconductor CY26114 Datasheet HTML 4Page - Cypress Semiconductor CY26114 Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CY26114
Document #: 38-07098 Rev. *A
Page 3 of 5
DC Electrical Characteristics
AC Electrical Characteristics
Parameter[2]
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD/VDDL = 3.3V
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD/VDDL = 3.3V
12
24
mA
IOH
Output High Current
VOH = VDDL – 0.5, VDDL=2.5V
8
16
mA
IOL
Output Low Current
VOL = 0.5, VDDL = 2.5V
8
16
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0.3
VDD
IVDD
Supply Current
AVDD/VDD Current
25
mA
IVDDL
Supply Current
VDDL Current (VDDL = 3.6V)
20
mA
IVDDL
Supply Current
VDDL Current (VDDL = 2.625V)
15
mA
Parameter[2]
Name
Description
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1; t1/t2, 50% of
VDD
45
50
55
%
t3
Rising Edge Rate
Output Clock Rise Time, 20% – 80% of
VDD/VDDL = 3.3V
0.8
1.4
V/ns
t3
Rising Edge Rate
Output Clock Rise Time, 20% – 80% of
VDDL = 2.5V
0.6
1.2
V/ns
t4
Falling Edge Rate
Output Clock Fall Time, 80% – 20% of
VDD/VDDL = 3.3V
0.8
1.4
V/ns
t4
Falling Edge Rate
Output Clock Fall Time, 80% – 20% of
VDDL = 2.5V
0.6
1.2
V/ns
t5
Skew
Delay between related outputs at rising edge
250
ps
t9
Clock Jitter
Peak to Peak period jitter
200
ps
t10
PLL Lock Time
3ms
Figure 1. Duty Cycle Definitions: DC = t2/t1.
Figure 2. Rise Time and Fall Time Definitions.
Note:
2.
Not 100% tested.
t1
t2
CLK
50%
50%
t3
CLK
80%
20%
t4


Similar Part No. - CY26114

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26112 CYPRESS-CY26112 Datasheet
124Kb / 6P
   One-PLL General Purpose Clock Generator
CY26112ZC CYPRESS-CY26112ZC Datasheet
124Kb / 6P
   One-PLL General Purpose Clock Generator
More results

Similar Description - CY26114

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26112 CYPRESS-CY26112 Datasheet
124Kb / 6P
   One-PLL General Purpose Clock Generator
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com