Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFC947.5A70TTC00 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SAFC947.5A70TTC00
Description  CERAMIC MICROWAVE FILTERS SAW FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFC947.5A70TTC00 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SAFC947.5A70TTC00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFC947.5A70TTC00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFC947.5A70TTC00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFC947.5A70TTC00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SAFC947.5A70TTC00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Center
I.L.
Bandwidth
Attenuation
Ripple
Max.
Input/Output
Pkg.
Tape
Type
Part Number
Function
Freq.
(dB)
(MHz)
(dB)
(dB)
VSWR
GDT
Impedance
Style
Code
(MHz)
max.*
max.
( s)
887 to 925
4.5
TC00,
SAFC906ML90T
RF (TX)
906
4.5
832 to 870
30
2.8
2.8
50 ohm // 0pF
SC33
TC05,
JAPAN
2661 to 2775
20
TC11, TC12
CDMA
832 to 870
4.5
TC00,
SAFC851ML90T
RF (RX)
851
4.5
887 to 925
22
3.0
2.8
50 ohm // 0pF
SC33
TC05,
1000 to 2000
20
TC11, TC12
1750 to 1780
3.5
TC00,
SAFC1765MF90T
RF (TX)
1765
3.5
1840 to 1870
30
2.0
2.4
50 ohm // 0pF
SC33
TC05,
KOREA
3500 to 3560
25
TC11, TC12
PCS
1840 to 1870
3.5
TC00,
SAFC1855MF90T
RF (RX)
1885
3.5
1750 to 1780
23
2.0
2.4
50 ohm // 0pF
SC33
TC05,
2300 to 4000
20
TC11, TC12
SAFC886ME70T
RF
886.0
3.5
884 to 888
3.5 max.
1.5
N/S
N/S
50 ohm // 10nH
SC44
TC, TC04,
840 to 846
40 min.
TC11
SAFC931ME70T
RF
931.0
3.5
929 to 933
3.5 max.
1.5
N/S
N/S
50 ohm // 10nH
SC44
TC, TC04,
884 to 891
40 min.
TC11
CT-1
913 to 915
3.5 max.
TC,
SAFC914ME70T
RF
914.0
3.5
891 to 894
30 min.
1.5
N/S
N/S
50 ohm // 10nH
SC44
TC04,
934 to 937
15 min.
TC11
958 to 960
3.5 max.
TC,
SAFC959ME70T
RF
959.0
3.5
936 to 939
30 min.
1.5
N/S
N/S
50 ohm // 10nH
SC44
TC04,
979 to 982
20 min.
TC11
1574 to 1577
2.8
SC33
TC00,
SAFC139MC70N
RF (RX)
1575.5
2.8
1382 to 1397
35
1.3
3.0
N/S
50 ohm // 0pF
low
TC05,
1478 to 1487
25
profile
TC12
90 ± 1MHz
3.0
TC,
SAFC146MC70N
IF
90
6.5
84 to 85
25
2.0
0.5
365 ohm // –0.7pF SC59
TC04,
95 to 96
25
TC11
RF (TX)
940 to 960
45
SAFC154MC70N
950
4
810 to 830
45
2
N/S
2.5
50 ohm // 0pF
SC33
TC12
800
1050 to 2000
35
940 to 960
3.5
TC00,
SAFC162MC70N
RF (TX)
950
3.5
810 to 830
48
1.5
2.5
50 ohm // 0pF
SC33
TC05,
PAGER
1050 to 2000
35
TC11, TC12
810 to 830
2.5
SAFC171MC70N
RF (RX)
820
2.5
940 to 960
32
1.5
N/S
2.5
50 ohm // 0pF
SC33
TC12
800
1100 to 2000
22
275 to 285
4.5 max.
TC, TC04
SAFC280ME70N
RF
280.0
4.5
180 to 242.5
48 min.
2.0
N/S
N/S
230 ohm // –.2pF
SC44
TC11
317.5 to 380
40 min.
276 to 286
4.5 max.
TC, TC04
SAFC281ME70N
RF
281.0
4.5
181 to 243.5
48 min.
2.0
N/S
N/S
230 ohm // –.2pF
SC44
TC11
318.5 to 381
40 min.
280 to 288
4.5 max.
TC, TC04
SAFC284ME75N
RF
284.0
4.5
184 to 246.5
48 min.
2.0
N/S
N/S
230 ohm // –.2pF
SC44
TC11
321.5 to 384
40 min.
928.8 to 932.2
4.5 max.
TC, TC04
SAFC930.5ME70T
RF
930.5
4.5
884.8 to 890.2
45 min.
2.0
N/S
N/S
50 ohm // 10nH
SC44
TC11
906.8 to 911.2
30 min.
N/S: Not Specified.
Tape codes and package quantities defined at the end of the SAW section of this catalog.
*IL for IF filters is guaranteed at center frequency relative to 0dB reference. I.L. for RF filters is guaranted across the pass band relative to 0dB reference level.
**Attenuation for IF filters is relative to center frequency loss. Attenuation for RF filters is relative to 0dB reference level.
CG01-I
353
CERAMIC MICROWAVE FILTERS
SAW FILTERS SPECIFICATIONS
SAF Series


Similar Part No. - SAFC947.5A70TTC00

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAFC105M50R501 SHARMA-SAFC105M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC106M16R501 SHARMA-SAFC106M16R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M35R501 SHARMA-SAFC155M35R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M50R501 SHARMA-SAFC155M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC156M10R501 SHARMA-SAFC156M10R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - SAFC947.5A70TTC00

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
   SAW filters
March 2010
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
   SAW filters
SEPT 04
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
   SAW filters
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
   SAW filters
logo
List of Unclassifed Man...
ACTF378 ETC-ACTF378 Datasheet
144Kb / 5P
   SAW filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
   SAW Devices(SAW Filters)
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
   1575.42MHz SAW filters
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
   IF SAW Filters
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
   IF SAW Filters
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com