Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-710-DFC-GFA-192.456 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VC-710-DFC-GFA-192.456
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-710-DFC-GFA-192.456 Datasheet(HTML) 6 Page - Vectron International, Inc

  VC-710-DFC-GFA-192.456 Datasheet HTML 1Page - Vectron International, Inc VC-710-DFC-GFA-192.456 Datasheet HTML 2Page - Vectron International, Inc VC-710-DFC-GFA-192.456 Datasheet HTML 3Page - Vectron International, Inc VC-710-DFC-GFA-192.456 Datasheet HTML 4Page - Vectron International, Inc VC-710-DFC-GFA-192.456 Datasheet HTML 5Page - Vectron International, Inc VC-710-DFC-GFA-192.456 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VC-710 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page
6 of 6
Rev: Jan 17 2005
Standard Frequencies (MHz)
125.000
139.624
155.520
156.250
161.1328
166.6286
167.3316
192.456
200.000
Other frequencies available upon request
Ordering Information
VC - 710 - D F F - G F A - xxx.xxx
1.
Not all combinations are possible.
2.
± 10% linearity available at certain frequencies.
Consult factory.
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . . . .
Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Tel: 49 (0) 3328 4784 30
Fax: 49 (0) 3328 4784 30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: 86 21 28909740/ 41 / 42
Fax: 86 21 28909240 / 28909999
Product Family
VC: VCXO
Package
710: 5.0 x 7.5 x 1.8 mm
Input
D: 3.3 Vdc ± 5%
Output
F: Complementary PECL
Operating Temperature
C: 0 to 70
°C
F: -40 to 85
°C
Frequency
120 - 200 MHz
Linearity, Temp. Stability
A: N/A
L: + 10 % linearity
M: + 20 ppm temp. stability
Enable - Disable)
F: Pin 2
Absolute Pull Range
G: + 50 ppm


Similar Part No. - VC-710-DFC-GFA-192.456

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-710 VECTRON-VC-710 Datasheet
115Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-710 VECTRON-VC-710_06 Datasheet
115Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-710-DFC-GFA-192.456

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com