Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88713VKC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88713VKC
Description  3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88713VKC Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY88713VKC Datasheet HTML 1Page - Micrel Semiconductor SY88713VKC Datasheet HTML 2Page - Micrel Semiconductor SY88713VKC Datasheet HTML 3Page - Micrel Semiconductor SY88713VKC Datasheet HTML 4Page - Micrel Semiconductor SY88713VKC Datasheet HTML 5Page - Micrel Semiconductor SY88713VKC Datasheet HTML 6Page - Micrel Semiconductor SY88713VKC Datasheet HTML 7Page - Micrel Semiconductor SY88713VKC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SY88713V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL BLOCK DIAGRAM
Layout and PCB Design
Since the SY88713V is a high-frequency component,
performance can be largely determined by the board layout
and design. A common problem with high-gain amplifiers is
the feedback from the large swing outputs to the input via
the power supply.
DESIGN PROCEDURE
The SY88713V’s ground pin should be connected to the
circuit board ground. Use multiple PCB vias close to the
part to connect to ground. Avoid long, inductive runs which
can degrade performance.
Limiting
Amplifer
PECL
Buffer
GND
Enable
Level
Detect
/EN
SD
DIN
/DIN
VREF
VCC
SDLVL
DOUT
/DOUT


Similar Part No. - SY88713VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KC MICREL-SY88702KC Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KCTR MICREL-SY88702KCTR Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KI MICREL-SY88702KI Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KITR MICREL-SY88702KITR Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88713VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com