Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88713V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88713V
Description  3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88713V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88713V Datasheet HTML 1Page - Micrel Semiconductor SY88713V Datasheet HTML 2Page - Micrel Semiconductor SY88713V Datasheet HTML 3Page - Micrel Semiconductor SY88713V Datasheet HTML 4Page - Micrel Semiconductor SY88713V Datasheet HTML 5Page - Micrel Semiconductor SY88713V Datasheet HTML 6Page - Micrel Semiconductor SY88713V Datasheet HTML 7Page - Micrel Semiconductor SY88713V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88713V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
1
/EN
TTL Input:
Enable: Deasserts true data output when high.
Default is high.
2
DIN
Data Input
True data input.
3
/DIN
Data Input
Complementary data input.
4
VREF
Reference voltage.
5
SDLVL
Input
Signal-Detect Level Set: A voltage between VCC and VREF on this pin
sets the threshold for the data input amplitude at which SD will be
asserted.
6
GND
Ground
Device ground.
7
SD
PECL Output
Signal-Detect: Asserts high when the data input amplitude rises above
the threshold set by SDLVL.
8
/DOUT
PECL Output
Complementary data output.
9
DOUT
PECL Output
True data output.
10
VCC
Power Supply
Positive power supply.
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88713VKC
K10-1
Commercial
713V
Sn-Pb
SY88713VKCTR(1)
K10-1
Commercial
713V
Sn-Pb
SY88713VKG
K10-1
Industrial
713V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88713VKGTR(1)
K10-1
Industrial
713V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Tape and Reel.
LOSLVL
GND
6
5
1
/EN
DIN
/DIN
VREF
10 VCC
DOUT
/DOUT
/LOS
9
8
7
2
3
4
10-Pin MSOP
(K10-1)


Similar Part No. - SY88713V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KC MICREL-SY88702KC Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KCTR MICREL-SY88702KCTR Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KI MICREL-SY88702KI Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KITR MICREL-SY88702KITR Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88713V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com