Electronic Components Datasheet Search |
|
PK110F Datasheet(PDF) 1 Page - SanRex Corporation |
|
PK110F Datasheet(HTML) 1 Page - SanRex Corporation |
1 / 2 page 47 PK(PD,PE,KK)110F THYRISTOR MODULE UL:E76102 M Unit A Symbol Item Conditions Ratings 110 Unit IT AV Average On-State Current IT RMS R.M.S. On-State Curren Single phase, half wave, 180 conduction, Tc 88 Single phase, half wave, 180 conduction, Tc 88 ITSM Surge On-State Current I2t I2t PGM Peak Gate Power Dissipation PG AV Average Gate Power Dissipation IFGM Peak Gate Current VFGM Peak Gate Voltage(Forward) 1 2cycle, 50Hz/60Hz, peak Value, non-repetitive Value for one cycle of surge current A 172 A 2300/2550 A 26500 10 A2S W 3 VRGM Peak Gate Voltage(Reverse) di dt Critical Rate of Rise of On-State Current IG 100mA Tj 25 VD 1 2VDRM dIG/dt 0.1A/ s VISO Isolation Breakdown Voltage (R.M.S.) Tj Operating Junction Temperature Tstg Storage Temperature Mounting Torque Mass Mounting M5 Terminal M5 A.C.1minute Recommended 1.5 2.5 15 25 Recommended 1.5 2.5 15 25 3 W A 10 V 5 V 200 A/ s 2500 V 40 125 40 125 2.7 28 2.7 28 170 N f B g Symbol Item Conditions Ratings 20 Unit IDRM Repetitive Peak Off-State Current, max. IRRM Repetitive Peak Reverse Current, max. at VDRM, single phase, half wave, Tj 125 at VDRM, single phase, half wave, Tj 125 VTM Peak On-State Voltage, max. IGT VGT Gate Trigger Current/Voltage, max. VGD Non-Trigger Gate, Voltage. min. tgt Turn On Time, max. dv dt Critical Rate of Rise of Off-State Voltage, min. IH Holding Current, typ. On-State Current 350A, Tj 25 Inst. measurement Tj 25 IT 1A VD 6V mA 20 mA 1.45 V 100/3 Tj 125 VD 1/2VDRM IT 110A IG 100mA Tj 25 VD 1 2VDRM dIG/dt 0.1A/ s 0.25 mA/V V 10 Tj 125 , VD 2 3VDRM, Exponential wave. Tj 25 IL Lutching Current, typ. Rth j-c Thermal Impedance, max. Tj 25 Junction to case 500 s V/ s 50 mA 100 mA 0.25 /W Electrical Characteristics Maximum Ratings Symbol Item PK110F40 PD110F40 PE110F40 KK110F40 PK110F80 PD110F80 PE110F80 KK110F80 Ratings PK110F120 PD110F120 PE110F120 KK110F120 PK110F160 PD110F160 PE110F160 KK110F160 Unit VRRM Repetitive Peak Reverse Voltage 400 800 1200 1600 V 480 960 1300 1700 V 400 800 1200 1600 V VRSM VDRM Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-State Voltage mark Thyristor and Diode part. No mark Thyristor part Power Thyristor/Diode Module PK110F series are designed for various rectifier circuits and power controls. For your circuit application. following internal connections and wide voltage ratings up to 1,600V are available. High precision 25mm (1inch) width package and electrically isolated mounting base make your mechanical design easy. IT(AV)110A, IT(RMS)172A, ITSM 2550A di/dt 200 A/ s dv/dt 500V/ s Applications Various rectifiers AC/DC motor drives Heater controls Light dimmers Static switches PK PE PD KK |
Similar Part No. - PK110F |
|
Similar Description - PK110F |