Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4564841G5 Datasheet(PDF) 10 Page - Elpida Memory

Part # UPD4564841G5
Description  64M-bit Synchronous DRAM 4-bank, LVTTL
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

UPD4564841G5 Datasheet(HTML) 10 Page - Elpida Memory

Back Button UPD4564841G5 Datasheet HTML 6Page - Elpida Memory UPD4564841G5 Datasheet HTML 7Page - Elpida Memory UPD4564841G5 Datasheet HTML 8Page - Elpida Memory UPD4564841G5 Datasheet HTML 9Page - Elpida Memory UPD4564841G5 Datasheet HTML 10Page - Elpida Memory UPD4564841G5 Datasheet HTML 11Page - Elpida Memory UPD4564841G5 Datasheet HTML 12Page - Elpida Memory UPD4564841G5 Datasheet HTML 13Page - Elpida Memory UPD4564841G5 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Data Sheet E0149N10
10
µµµµPD4564441, 4564841, 4564163
1. Input / Output Pin Function
Pin name
Input / Output
Function
CLK
Input
CLK is the master clock input. Other inputs signals are referenced to the CLK rising
edge.
CKE
Input
CKE determine validity of the next CLK (clock). If CKE is high, the next CLK rising
edge is valid; otherwise it is invalid. If the CLK rising edge is invalid, the internal clock
is not issued and the
µPD4564xxx suspends operation.
When the
µPD4564xxx is not in burst mode and CKE is negated, the device enters
power down mode. During power down mode, CKE must remain low.
/CS
Input
/CS low starts the command input cycle. When /CS is high, commands are ignored
but operations continue.
/RAS, /CAS, /WE
Input
/RAS, /CAS and /WE have the same symbols on conventional DRAM but different
functions. For details, refer to the command table.
A0 - A13
Input
Row Address is determined by A0 - A13 at the CLK (clock) rising edge in the active
command cycle. It does not depend on the bit organization.
Column Address is determined by A0 - A9 at the CLK rising edge in the read or write
command cycle. It depends on the bit organization: A0 - A9 for
×4 device, A0 - A8 for
×8 device, A0 - A7 for ×16 device.
A12 and A13 are the bank select signal (BS). In command cycle, A12 and A13 low
select bank A, A12 low and A13 high select bank B, A12 high and A13 low select bank
C and then A12 and A13 high select bank D.
A10 defines the precharge mode. When A10 is high in the precharge command cycle,
all banks are precharged; when A10 is low, only the bank selected by A12 and A13 is
precharged.
When A10 is high in read or write command cycle, the precharge starts automatically
after the burst access.
DQM, UDQM,
LDQM
Input
DQM controls I/O buffers. In
×16 products, UDQM and LDQM control upper byte and
lower byte I/O buffers, respectively.
In read mode, DQM controls the output buffers like a conventional /OE pin.
DQM high and DQM low turn the output buffers off and on, respectively.
The DQM latency for the read is two clocks.
In write mode, DQM controls the word mask. Input data is written to the memory cell if
DQM is low but not if DQM is high.
The DQM latency for the write is zero.
DQ0 - DQ15
Input / Output
DQ pins have the same function as I/O pins on a conventional DRAM.
VCC, VSS, VCCQ,
VSSQ
(Power supply)
VCC and VSS are power supply pins for internal circuits. VCCQ and VSSQ are power
supply pins for the output buffers.


Similar Part No. - UPD4564841G5

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A10-9JH NEC-UPD4564323G5-A10-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A10B-9JH NEC-UPD4564323G5-A10B-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A60-9JH NEC-UPD4564323G5-A60-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564323G5-A70-9JH NEC-UPD4564323G5-A70-9JH Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results

Similar Description - UPD4564841G5

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S20ATP-8A MITSUBISHI-M5M4V64S20ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
logo
Elpida Memory
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com