Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFC927A70STC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SAFC927A70STC
Description  CERAMIC MICROWAVE FILTERS SAW FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFC927A70STC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SAFC927A70STC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFC927A70STC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFC927A70STC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFC927A70STC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SAFC927A70STC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CERAMIC MICROWAVE FILTERS
SAW FILTERS
ENVIRONMENTAL SPECIFICATIONS
TEST ITEM
PACKAGE
TEST CONDITIONS
TEST METHOD
Filter is soldered onto the center of PCB which is laid on two small supporters
SMD
spaced 90mm apart. The PCB is deflected to 1mm below the horizontal level by the
pressing stick for 1 second and repeated 5 times.
Terminal Strength
A force of 1.0 Kg shall be applied to each terminal in the direction of the axis of
terminal for 30 ± 5 seconds.
LEADED
A force of 250 gf is applied to each lead in axial direction. The lead shall be bent
90 degrees to one direction, then in opposite direction and returned to the
original position.
Solderability
BOTH
Lead terminals are immersed in methanol with 7 to 10% of rosin flux for about
MIL-STD-202E
5 seconds, then immersed in soldering bath at 230 ± 5°C for 5 ± 0.5 seconds.
Method 208C
Random Drop
BOTH
Drop 3 times on concrete floor from 1.0 meter, (30cm for some products).
Vibration
BOTH
Vibration amplitude of 1.5mm at 10-55Hz in each of three mutually
MIL-STD-201E
perpendicular directions for 1 hour.
Method 201A
MECHANICAL
ENVIRONMENTAL
TEST ITEM
PACKAGE
TEST CONDITIONS
TEST METHOD
Salt Spray
BOTH
Hold in chamber with 5% salt density at 35°C +1.1°/–1.7°C for 48 hours.
MIL-STD-202E
Measure after exposure to room condition for 1 hour.
Method 101D
Temperature Cycling
BOTH
Exposure to 5 cycles of –55°C (30 minutes) ¡+25°C (15 minutes), ±85°C
MIL-STD-202E
(30 minutes) ¡+25°C (15 minutes). Test after 2 hours exposure to room conditions.
Method 102A
Humidity
BOTH
Hold in chamber with 90 to 95% R.H. at 40 ± 2°C for 100 hours. Test after 2
MIL-STD-202E
hours exposure to room conditions.
Method 103B
Operating Humidity
BOTH
Hold in chamber with 90 to 95% R.H. at 40 ± 2°C for 100 hours at 6VDC.
MIL-STD-202E
Test after 2 hours exposure to room conditions.
Thermal Shock
BOTH
Expose to 5 cycles of –55°C (30 minutes) ¡+85°C (30 minutes). Test after 2 hours
MIL-STD-202E
exposure to room conditions.
Method 107D
Life Test (High)
BOTH
Hold in chamber at 85 ± 2°C for 100 hours. Test after exposure to room
MIL-STD-202E
conditions for 2 hours.
Method 108A
Life Test (Low)
BOTH
Hold in chamber at –30 ± 2°C for 100 hours. Test after exposure to room
MIL-STD-202E
conditions for 2 hours.
Method 108A
Operating Life Test
BOTH
Hold in chamber at 85 ± 2°C for 100 hours at 6VDC. Test after exposure to room
conditions for 2 hours.
Sulfuration
BOTH
Hold in chamber with 1000ppm sulfur density for 24 hours. Test after exposure
to room conditions for 2 hours.
Filter shall be preheated at 150 ± 20°C for 60 seconds, immersed whole
SMD
electrode in soldering bath at 240 ± 5°C for 3 ± 1 seconds, then measured after
Resistance to
exposure to room conditions for 2 hours.
MIL-STD-202E
Soldering Heat
Lead terminals are immersed up to 1.5mm from package base in soldering bath
Method 210A
LEADED
at 260 ± 5°C for 10 ± 1 seconds, then measured after exposure to room
conditions for 2 hours.
TEST ITEM
PACKAGE
TEST CONDITIONS
TEST METHOD
Dielectric Withstanding
BOTH
Apply 100VDC between I/O terminals and ground terminal, for 1 minute.
MIL-STD-202E
Voltage
Insulation Resistance
BOTH
Apply 100VDC between I/O terminals and ground terminal, for 1 minute.
MIL-STD-202E
Method 302
Temperature
SMD
Filter shall be measured between –10°C to +60°C temperature range.
Characteristics
LEADED
Filter shall be measured between –10°C to +50°C temperature range.
ELECTRICAL
354
CG01-I
SAF Series


Similar Part No. - SAFC927A70STC

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAFC105M50R501 SHARMA-SAFC105M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC106M16R501 SHARMA-SAFC106M16R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M35R501 SHARMA-SAFC155M35R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M50R501 SHARMA-SAFC155M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC156M10R501 SHARMA-SAFC156M10R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - SAFC927A70STC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
   SAW filters
March 2010
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
   SAW filters
SEPT 04
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
   SAW filters
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
   SAW filters
logo
List of Unclassifed Man...
ACTF378 ETC-ACTF378 Datasheet
144Kb / 5P
   SAW filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
   SAW Devices(SAW Filters)
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
   1575.42MHz SAW filters
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
   IF SAW Filters
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
   IF SAW Filters
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com