Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3034 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI3034
Description  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI3034 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI3034 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Si3038
8
Rev. 2.01
Figure 2. Cold Reset Timing Diagram
Figure 3. Warm Reset Timing Diagram
Table 6. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD, VA
–0.5 to 6.0
V
Input Current, Si3024 Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VD + 0.3)
V
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–65 to 150
°C
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 7. AC Link Timing Characteristics—Cold Reset
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Unit
RESET Active Low Pulse Width
Trst_low
1.0
µs
RESET Inactive to BIT_CLK Startup
Delay
Trst2clk
162.8
ns
Table 8. AC Link Timing Characteristics—Warm Reset
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Unit
SYNC Active High Pulse Width
Tsync_high
1.0
µs
SYNC Inactive to BIT_CLK Startup Delay
Tsync2clk
162.8
ns
T
rst_low
T
rst2clk
BIT_CLK
RESET
SYNC
BIT_CLK
T
sync_high
T
sync2clk


Similar Part No. - SI3034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3034 ETC-SI3034 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

Similar Description - SI3034

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com