Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3034 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI3034
Description  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI3034 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI3034 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3034 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Si3038
4
Rev. 2.01
Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature3
TA
K-Grade
0
25
70
°C
Si3024 Supply Voltage, Analog
VA
4.75
5.0
5.25
V
Si3024 Supply Voltage, Digital4
VD
VA = 5 V
4.75
5.0
5.25
V
Si3024 Supply Voltage, Digital4
VD
VA = Charge Pump
3.0
3.3
3.6
V
Notes:
1. The Si3038 specifications are guaranteed when the typical application circuit (including component tolerances) of
Figure 19 on page 16 and any Si3024 and Si3014 are used.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25°C unless otherwise stated.
3. The temperature specifications are guaranteed when using the typical application circuit on a 4 sq. in. minimum FR4
PCB. For other materials and smaller form factors, heat dissipation factors may apply. Contact Silicon Laboratories for
more details.
4. The digital supply, VD, can operate from either 3.3 V or 5.0 V. The Si3024 supports interface to 3.3 V logic when
operating from 3.3 V. 3.3 V operation applies to both the AC’97 Digital Interface and the digital signals RESET, ID0, and
ID1.


Similar Part No. - SI3034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3034 ETC-SI3034 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

Similar Description - SI3034

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com