Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT511740D0J-5L Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT511740D0J-5L
Description  The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT511740D0J-5L Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT511740D0J-5L Datasheet HTML 1Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 2Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 3Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 4Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 5Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 6Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 7Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 8Page - List of Unclassifed Manufacturers NT511740D0J-5L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NT511740D0J
16MEG : x4
Fast Page Mode DRAM
REV 1.0 , JULY. 2000
5
© NANYA TECHNOLOGY CORP.
NAYNA TECHNOLOGY CORP. reserves the right to change products and specifications without notice.
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN,VOUT
-1.0 to +7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-1.0 to +7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD*
1
W
Operation Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
-55 to 150
°C
*:Ta = 25°C
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should
be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
(Voltage referenced to Vss, Ta = 0 °C to 70°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.4
-
Vcc+1.0
*1
V
Input Low Voltage
VIL
-1.0
*2
-
0.8
V
*1 : Vcc +2.0V/20ns(5V), Pulse width is measured at Vcc
*2 : -2.0V/20ns(5V), Pulse width is measured at Vss
Capacitance
( Vcc = 5V, Ta = 25°C, f = 1 MHZ )
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 -A11)
CIN1
-
5
pF
Input Capacitance ( RAS , CAS , WE , OE
)
CIN2
-
7
pF
Output Capacitance (DQ0-DQ3)
CI/O
-
7
pF
DC Characteristics
(Recommended operating conditions unless otherwise noted.)
Max
Parameter
Symbol
Min
Max
Units
Input Leakage Current (Any input 0
<= VIN<=
VIN+0.5V, all other input pins not under test =0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0 <= VOUT <= VCC)
IO(L)
-5
5
uA
Output High Voltage Level (IOH= -5mA)
VOH
2.4
-
V
5V
Output Low Voltage Level (IOL=4.2mA)
VOL
-
0.4
V


Similar Part No. - NT511740D0J-5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740D5J ETC1-NT511740D5J Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-50 ETC1-NT511740D5J-50 Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-5L ETC1-NT511740D5J-5L Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-60 ETC1-NT511740D5J-60 Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-6L ETC1-NT511740D5J-6L Datasheet
193Kb / 16P
   CMOS with Extended Data Out
More results

Similar Description - NT511740D0J-5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740C5J ETC1-NT511740C5J Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
logo
Toshiba Semiconductor
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com