Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT511740D0J-50 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NT511740D0J-50
Description  The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT511740D0J-50 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NT511740D0J-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 10Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 11Page - List of Unclassifed Manufacturers NT511740D0J-50 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NT511740D0J
16MEG : x4
Fast Page Mode DRAM
REV 1.0 , JULY. 2000
8
© NANYA TECHNOLOGY CORP.
NAYNA TECHNOLOGY CORP. reserves the right to change products and specifications without notice.
AC CHARACTERISTICS (Continued )
-50
-60
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
CAS to W delay time
t CWD
36
40
ns
7
RAS to W delay time
t RWD
73
85
ns
7
Column address to W delay time
t AWD
48
55
ns
7
CAS precharge to W delay time
t CPWD
53
60
ns
CAS set-up time ( CAS -before- RAS refresh)
t CSR
5
5
ns
CAS hold time ( CAS -before- RAS refresh)
t CHR
10
10
ns
RAS to CAS precharge time
t RPC
5
5
ns
Access time from CAS precharge
t CPA
30
35
ns
3
Hyper Page cycle time
t PC
35
40
ns
Hyper Page read-modify-write cycle time
t PRWC
76
85
ns
CAS precharge time (Hyper Page cycle)
t CP
7
10
ns
RAS pulse width (Hyper Page cycle)
t RASP
50
100k
60
100k
ns
RAS hold time from CAS precharge
t RHCP
30
35
ns
OE access time
t OEA
13
15
ns
OE to data delay
t OED
13
15
ns
Output buffer turn off delay time from OE
t OEZ
0
13
0
15
ns
6
OE command hold time
t OEH
13
15
ns
W to RAS precharge time(C-B-R refresh)
t WRP
10
10
ns
W to RAS hold time(C-B-R refresh)
t WRH
10
10
ns
RAS pulse width (C-B-R self refresh)
t RASS
100
100
ns
11,12,13
RAS precharge time (C-B-R self refresh)
t RPS
90
110
ns
11,12,13
CAS hold time (C-B-R self refresh)
t CHS
-50
-50
ns
11,12,13


Similar Part No. - NT511740D0J-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740D5J ETC1-NT511740D5J Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-50 ETC1-NT511740D5J-50 Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-5L ETC1-NT511740D5J-5L Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-60 ETC1-NT511740D5J-60 Datasheet
193Kb / 16P
   CMOS with Extended Data Out
NT511740D5J-6L ETC1-NT511740D5J-6L Datasheet
193Kb / 16P
   CMOS with Extended Data Out
More results

Similar Description - NT511740D0J-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740C5J ETC1-NT511740C5J Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
logo
Toshiba Semiconductor
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com