Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28LV010RT4DB-25 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 28LV010RT4DB-25
Description  3.3V 1 Megabit (128K x 8-Bit) EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28LV010RT4DB-25 Datasheet(HTML) 5 Page - Maxwell Technologies

  28LV010RT4DB-25 Datasheet HTML 1Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 2Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 3Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 4Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 5Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 6Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 7Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 8Page - Maxwell Technologies 28LV010RT4DB-25 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV010
03.14.03 REV 6
TABLE 8. 28LV010 AC ELECTRICAL CHARACTERISTICS FOR ERASE AND WRITE OPERATIONS
(V
CC = 3.3V ± 10%, TA =-55 TO +125 ° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNIT
Address Setup Time
-200
-250
t
AS
9, 10, 11
0
0
--
--
ns
Chip Enable to Write Setup Time (WE controlled)
-200
-250
t
CS
9, 10, 11
0
0
--
--
ns
WritePulse Width(CE controlled)
-200
-250
t
CW
9, 10, 11
200
250
--
--
ns
WritePulse Width(WE controlled)
-200
-250
t
WP
9, 10, 11
200
250
--
--
ns
Address Hold Time
-200
-250
t
AH
9, 10, 11
125
150
--
--
ns
Data Setup Time
-200
-250
t
DS
9, 10, 11
100
100
--
--
ns
Data Hold Time
-200
-250
t
DH
9, 10, 11
10
10
--
--
ns
Chip Enable Hold Time (WE controlled)
-200
-250
t
CH
9, 10, 11
0
0
--
--
ns
WriteEnabletoWrite SetupTime(CE controlled)
-200
-250
t
WS
9, 10, 11
0
0
--
--
ns
WriteEnableHoldTime(CE controlled)
-200
-250
t
WH
9, 10, 11
0
0
--
--
ns
Output Enable to Write Setup Tim
-200
-250
t
OES
9, 10, 11
0
0
--
--
ns
Output Enable Hold Time
-200
-250
t
OEH
9, 10, 11
0
0
--
--
ns
Write Cycle Time 1,2
-200
-250
t
WC
9, 10, 11
--
--
15
15
ms


Similar Part No. - 28LV010RT4DB-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFB-20 MAXWELL-28LV011RPFB-20 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFB-25 MAXWELL-28LV011RPFB-25 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFE-20 MAXWELL-28LV011RPFE-20 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFE-25 MAXWELL-28LV011RPFE-25 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28LV010RT4DB-25

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com