Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS6432AFTA-TI Datasheet(PDF) 4 Page - Elpida Memory

Part # EDS6432AFTA-TI
Description  64M bits SDRAM WTR (Wide Temperature Range)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS6432AFTA-TI Datasheet(HTML) 4 Page - Elpida Memory

  EDS6432AFTA-TI Datasheet HTML 1Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 2Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 3Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 4Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 5Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 6Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 7Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 8Page - Elpida Memory EDS6432AFTA-TI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
EDS6432AFTA-TI
Preliminary Data Sheet E0630E10 (Ver. 1.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, execute power up sequence and initialization sequence before proper device operation is achieved
(refer to the Power up sequence).
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to VDD + 0.5 (≤ 4.6 (max.))
V
Supply voltage relative to VSS
VDD
–0.5 to +4.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating ambient temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA = –40 to +85
°C)
Parameter
Symbol
min.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
3.0
3.6
V
1
VSS, VSSQ
0
0
V
2
Input high voltage
VIH
2.0
VDD + 0.3
V
3
Input low voltage
VIL
–0.3
0.8
V
4
Notes: 1. The supply voltage with all VDD and VDDQ pins must be on the same level.
2. The supply voltage with all VSS and VSSQ pins must be on the same level.
3. VIH (max.) = VDD + 1.5V (pulse width ≤ 5ns).
4. VIL (min.) = VSS – 1.5V (pulse width ≤ 5ns).


Similar Part No. - EDS6432AFTA-TI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS6432AFTA-6B-E ELPIDA-EDS6432AFTA-6B-E Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
EDS6432AFTA-75-E ELPIDA-EDS6432AFTA-75-E Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
More results

Similar Description - EDS6432AFTA-TI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS6416AJTA-TI ELPIDA-EDS6416AJTA-TI Datasheet
637Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHTA-TI ELPIDA-EDS6416AHTA-TI Datasheet
694Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFBH-TT ELPIDA-EDS6432AFBH-TT Datasheet
714Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHTA-TT ELPIDA-EDS6416AHTA-TT Datasheet
638Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHBH-TT ELPIDA-EDS6416AHBH-TT Datasheet
659Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS1232AATA-MI ELPIDA-EDS1232AATA-MI Datasheet
643Kb / 53P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com