Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2732CABH-1AL-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDS2732CABH-1AL-E
Description  256M bits SDRAM (8M words x 32 bits)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2732CABH-1AL-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDS2732CABH-1AL-E Datasheet HTML 3Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 4Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 5Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 6Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 7Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 8Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 9Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 10Page - Elpida Memory EDS2732CABH-1AL-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
EDS2732CABH
Data Sheet E0397E40 (Ver. 4.0)
7
AC Characteristics (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
-75
-1A
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
System clock cycle time
(CL = 2)
tCK
10
10
ns
1
(CL = 3)
tCK
7.5
10
ns
1
CLK high pulse width
tCH
2.5
3
ns
1
CLK low pulse width
tCL
2.5
3
ns
1
Access time from CLK
tAC
5.4
6
ns
1, 2
Data-out hold time
tOH
2.0
2.0
ns
1, 2
CLK to Data-out low impedance
tLZ
0
0
ns
1, 2, 3
CLK to Data-out high impedance tHZ
5.4
6
ns
1, 4
Input setup time
tSI
1.5
2
ns
1
Input hold time
tHI
0.8
1
ns
1
Ref/Active to Ref/Active
command period
tRC
67.5
70
ns
1
Active to Precharge command
period
tRAS
45
120000
50
120000
ns
1
Active command to column
command (same bank)
tRCD
20
20
ns
1
Precharge to active command
period
tRP
20
20
ns
1
Write recovery or data-in to
precharge lead time
tDPL
15
20
ns
1
Last data into active latency
tDAL
2CLK + 20ns —
2CLK + 20ns —
Active (a) to Active (b) command
period
tRRD
15
20
ns
1
Transition time (rise and fall)
tT
0.5
5
0.5
5
ns
Refresh period
(4096 refresh cycles)
tREF
64
64
ms
Notes: 1. AC measurement assumes tT = 0.5ns. Reference level for timing of input signals is 1.2V.
2. Access time is measured at 1.2V. Load condition is CL = 30pF.
3. tLZ (min.) defines the time at which the outputs achieves the low impedance state.
4. tHZ (max.) defines the time at which the outputs achieves the high impedance state.


Similar Part No. - EDS2732CABH-1AL-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-1A-E ELPIDA-EDS2732CABJ-1A-E Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-1AL-E ELPIDA-EDS2732CABJ-1AL-E Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-75-E ELPIDA-EDS2732CABJ-75-E Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2732CABJ-75L-E ELPIDA-EDS2732CABJ-75L-E Datasheet
642Kb / 48P
   256M bits SDRAM
More results

Similar Description - EDS2732CABH-1AL-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-9A ELPIDA-EDS2532EEBH-9A Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-6B ELPIDA-EDS2732AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532CABH ELPIDA-EDS2532CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532JEBH-75 ELPIDA-EDS2532JEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-75 ELPIDA-EDS2732AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABH-6B ELPIDA-EDS2532AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com