Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZHD0204410A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MZHD0204410A
Description  Miniature Relays Series M Type MZ 2 poles 10A Monostable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MZHD0204410A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MZHD0204410A Datasheet HTML 1Page - List of Unclassifed Manufacturers MZHD0204410A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
Specifications are subject to change without notice
≥ 5% of
rated voltage
Product Description
Miniature Relays Series M
Type MZ 2 poles 10A
Monostable
• Miniature size
• PCB mounting
• Reinforced insulation 4 kV / 8 mm
• Switching capacity 10 A
• DC coils 1.87 to 160 VDC
• AC coils 4.8 to 264 VAC
• General purpose, industrial electronics
• Types: Standard, flux-free or sealed
• Switching AC/DC load
Ordering Key
MZ P A 200 47 10
Type
Sealing
Version (A = Standard)
Contact code
Coil reference number
Contact rating
Version
A = 5.0 mm / Ag CdO (standard)
C = 5.0 mm / hard gold plated
D = 5.0 mm / flash gilded
S = 5.0 mm / Ag Sn 02
Available only on request Ag Ni
Coil Characteristics DC (20°C)
Coil
reference
number
Winding resistance
±%
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
10
10
10
10
10
10
10
15
15
15
15
15
15
15
15
15
15
15
Rated Voltage
200/002
020
VDC
VDC
Operating range
Min. VDC
Max.VDC
200/002
020
11
30
55
110
170
280
450
720
860
1150
1750
2700
4300
6450
9900
12550
16200
23500
Must release
VDC
3.50
5.75
7.80
11.00
13.70
17.60
22.50
28.60
30.80
35.70
44.00
55;00
69.30
84.70
104.00
117.00
136.00
160.00
For General data, notes and special versions see page 48
2.5
4.1
5.6
8.0
10.0
12.5
16.0
20.5
22.5
26.0
32.5
40.5
51.5
64.5
83.0
95.0
109.0
125.0
1.87
3.13
4.28
6.14
7.56
9.49
12.30
15.50
17.10
19.70
24.90
30.90
39.60
49.20
63.60
73.00
83.30
96.00
1.98
3.30
4.52
6.49
7.99
9.98
13.0
16.3
18.0
20.7
26.2
32.6
41.8
52.0
67.2
77.0
87.9
101.0
2.6
4.3
5.9
8.5
10.5
13.0
17.0
21.5
23.5
27.0
34.5
42.5
54.5
68.0
87.5
101.0
115.0
132.0
MZP
Type Selection
Sealing
P: Standard,suitable for sol
dering and manual washing.
F: Flux-free, suitable for auto-
matic soldering and partial
immersion or spray
washing.
H: Sealed with inert gas
according to IP 67,suita-
ble for automatic solde
ring and/or partial immer-
sion or spray washing.
Contact configuration
2 normally open contact
(DPST -NO {2-form A})
2 normally closed contact
(DPST -NC {2-form B})
2 change over contact
DPDT {2-form C})
Contact rating
10 A
10 A
10 A
Contact code
200
020
002
046/47-MZ 2P 10A eng
2-03-2001
11:48
Pagina 46


Similar Part No. - MZHD0204410A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZH105 ETC1-MZH105 Datasheet
940Kb / 2P
   LOGIC INTEGRATED CIRCUITS DTL FOR NUMERICAL CONTROL SYSTEMS
MZH115 ETC1-MZH115 Datasheet
940Kb / 2P
   LOGIC INTEGRATED CIRCUITS DTL FOR NUMERICAL CONTROL SYSTEMS
MZH145 ETC1-MZH145 Datasheet
940Kb / 2P
   LOGIC INTEGRATED CIRCUITS DTL FOR NUMERICAL CONTROL SYSTEMS
MZH165 ETC1-MZH165 Datasheet
940Kb / 2P
   LOGIC INTEGRATED CIRCUITS DTL FOR NUMERICAL CONTROL SYSTEMS
MZH185 ETC1-MZH185 Datasheet
940Kb / 2P
   LOGIC INTEGRATED CIRCUITS DTL FOR NUMERICAL CONTROL SYSTEMS
More results

Similar Description - MZHD0204410A

ManufacturerPart #DatasheetDescription
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
   Miniature PCB Power Relays 10A 250VAC
logo
Panasonic Semiconductor
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
Panasonic Semiconductor
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
IDEC Corporation
RY42S-UDC24V IDEC-RY42S-UDC24V Datasheet
2Mb / 11P
   RY/RM Series Miniature Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com