Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2532EEBH-75 Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS2532EEBH-75
Description  256M bits SDRAM (8M words x 32 bits)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2532EEBH-75 Datasheet(HTML) 5 Page - Elpida Memory

  EDS2532EEBH-75 Datasheet HTML 1Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 2Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 3Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 4Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 5Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 6Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 7Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 8Page - Elpida Memory EDS2532EEBH-75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
EDS2532EEBH-75
Preliminary Data Sheet E0639E50 (Ver. 5.0)
5
DC Characteristics 1 (TA = 0
°C to +70°C, VDD, VDDQ = 1.8V ± 0.1V, VSS, VSSQ = 0V)
Parameter
/CAS latency
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
80
mA
Burst length = 1
tRC = tRC (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 3
Standby current in power down
IDD2P
3
mA
CKE ≤ 0.3V,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
6
Standby current in power down
(input signal stable)
IDD2PS
2
mA
CKE ≤ 0.3V, tCK =
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
7
Standby current in non power down
IDD2N
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
4
Standby current in non power down
(input signal stable)
IDD2NS
9
mA
CKE = VIH, tCK =
∞,
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
8
Active standby current in power down
IDD3P
4
mA
CKE ≤ VIL,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 6
Active standby current in power down
(input signal stable)
IDD3PS
3
mA
CKE ≤ VIL, tCK =
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
2, 7
Active standby current in non power down IDD3N
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 4
Active standby current in non power down
(input signal stable)
IDD3NS
15
mA
CKE = VIH, tCK =
∞,
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
2, 8
Burst operating current
IDD4
90
mA
tCK = tCK (min.),
BL = 4
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 5
Refresh current
IDD5
180
mA
tRC = tRC (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
3
Self refresh current
IDD6
3
mA
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
Notes: 1. IDD depends on output load condition when the device is selected. IDD (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.


Similar Part No. - EDS2532EEBH-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT-E ELPIDA-EDS2532EEBH-75TT-E Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS2532EEBH-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-9A ELPIDA-EDS2532EEBH-9A Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-6B ELPIDA-EDS2732AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532CABH ELPIDA-EDS2532CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532JEBH-75 ELPIDA-EDS2532JEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-75 ELPIDA-EDS2732AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2732CABH ELPIDA-EDS2732CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABH-6B ELPIDA-EDS2532AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com