Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2532EEBH-9A Datasheet(PDF) 1 Page - Elpida Memory

Part # EDS2532EEBH-9A
Description  256M bits SDRAM (8M words x 32 bits)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2532EEBH-9A Datasheet(HTML) 1 Page - Elpida Memory

  EDS2532EEBH-9A Datasheet HTML 1Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 2Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 3Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 4Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 5Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 6Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 7Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 8Page - Elpida Memory EDS2532EEBH-9A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Document No. E0617E40 (Ver. 4.0)
Date Published August 2005 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2004-2005
PRELIMINARY DATA SHEET
256M bits SDRAM
EDS2532EEBH-9A (8M words
× 32 bits)
Description
The EDS2532EEBH is a 256M bits SDRAM organized
as 2,097,152 words
× 32 bits × 4 banks. All inputs and
outputs are synchronized with the positive edge of the
clock.
It is packaged in 90-ball FBGA.
Features
• 1.8V power supply
• Clock frequency: 111MHz (max.)
• LVCMOS interface
• Single pulsed /RAS
• ×32 organization
• 4 banks can operate simultaneously and
independently
• Burst read/write operation and burst read/single write
operation capability
• Programmable burst length (BL): 1, 2, 4, 8 and full
page
• 2 variations of burst sequence
 Sequential (BL = 1, 2, 4, 8, full page)
 Interleave (BL = 1, 2, 4, 8)
• Programmable /CAS latency (CL): 2, 3
• Programmable driver strength: Half , Quarter
• Byte control by DQM
• Address
 4K Row address /512 column address
• Refresh cycles
 4096 refresh cycles/64ms
• 2 variations of refresh
 Auto refresh
 Self refresh
• FBGA package with lead free solder (Sn-Ag-Cu)
 RoHS compliant
Pin Configurations
/xxx indicate active low signal.
DQ26
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
23456789
DQ28
VSSQ
VSSQ
VDDQ
VSS
A4
A7
CLK
DQ24
VDDQ
DQ27
DQ29
DQ31
DQM3
A5
A8
CKE
VSS
VSSQ
DQ25
DQ30
NC
A3
A6
NC
A9
VDD
VDDQ
DQ22
DQ17
NC
A2
A10
NC
BA0
DQ23
VSSQ
DQ20
DQ18
DQ16
DQM2
A0
BA1
/CS
DQ21
DQ19
VDDQ
VDDQ
VSSQ
VDD
A1
A11
/RAS
(Top view)
DQM1
NC
NC
/CAS
/WE DQM0
VDDQ DQ8
VSS
VDD
DQ7 VSSQ
VSSQ DQ10 DQ9
DQ6
DQ5 VDDQ
VSSQ DQ12 DQ14
DQ1
DQ3 VDDQ
DQ11 VDDQ VSSQ
VDDQ VSSQ DQ4
DQ13 DQ15 VSS
VDD
DQ0
DQ2
90-ball FBGA
Address inputs
Bank select address
Data-input/output
Chip select
Row address strobe
Column address strobe
Write enable
DQ mask enable
Clock enable
Clock input
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
A0 to A11
BA0, BA1
DQ0 to DQ31
/CS
/RAS
/CAS
/WE
DQM0 to DQM3
CKE
CLK
VDD
VSS
VDDQ
VSSQ
NC


Similar Part No. - EDS2532EEBH-9A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT-E ELPIDA-EDS2532EEBH-9ATT-E Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS2532EEBH-9A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532EEBH-75 ELPIDA-EDS2532EEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-6B ELPIDA-EDS2732AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532CABH ELPIDA-EDS2532CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532JEBH-75 ELPIDA-EDS2532JEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
EDS2732AABH-75 ELPIDA-EDS2732AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2732CABH ELPIDA-EDS2732CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABH-6B ELPIDA-EDS2532AABH-6B Datasheet
704Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com