Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1216CABH-75-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS1216CABH-75-E
Description  128M bits SDRAM (8M words x 16 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1216CABH-75-E Datasheet(HTML) 5 Page - Elpida Memory

  EDS1216CABH-75-E Datasheet HTML 1Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 2Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 3Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 4Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 5Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 6Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 7Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 8Page - Elpida Memory EDS1216CABH-75-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
EDS1216AABH, EDS1216CABH
Data Sheet E0410E40 (Ver. 4.0)
5
DC Characteristics 1 (TA = 0 to +70
°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V) [EDS1216AA]
(TA = 0 to +70
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V) [EDS1216CA]
EDS1216AA
EDS1216CA
Parameter
Symbol
Grade
max.
max.
Unit
Test condition
Notes
Operating current
IDD1
100
100
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
Standby current in power
down
IDD2P
3
3
mA
CKE = VIL,
tCK = tCK (min.)
6
Standby current in power
down (input signal stable)
IDD2PS
2
2
mA
CKE = VIL, tCK =
7
Standby current in non power
down
IDD2N
20
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
4
Standby current in non power
down (input signal stable)
IDD2NS
9
9
mA
CKE = VIH, tCK =
∞,
/CS = VIH
8
Active standby current in
power down
IDD3P
4
4
mA
CKE = VIL,
tCK = tCK (min.)
1, 2, 6
Active standby current in
power down (input signal
stable)
IDD3PS
3
3
mA
CKE = VIL, tCK =
2, 7
Active standby current in non
power down
IDD3N
40
40
mA
CKE, /CS = VIH,
tCK = tCK (min.)
1, 2, 4
Active standby current in non
power down (input signal
stable)
IDD3NS
25
25
mA
CKE = VIH, tCK =
∞,
/CS = VIH
2, 8
Burst operating current
IDD4
120
120
mA
tCK = tCK (min.),
BL = 4
1, 2, 5
Refresh current
IDD5
220
220
mA
tRC = tRC (min.)
3
Self refresh current
IDD6
1.5
1.5
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
Notes: 1. IDD depends on output load condition when the device is selected. IDD (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.


Similar Part No. - EDS1216CABH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
EDS1216AATA-75-E ELPIDA-EDS1216AATA-75-E Datasheet
702Kb / 49P
   128M bits SDRAM
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDS1216AGTA-6B-E ELPIDA-EDS1216AGTA-6B-E Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDS1216AGTA-75-E ELPIDA-EDS1216AGTA-75-E Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
More results

Similar Description - EDS1216CABH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532CABH ELPIDA-EDS2532CABH Datasheet
578Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
EDS2532JEBH-75 ELPIDA-EDS2532JEBH-75 Datasheet
718Kb / 50P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com