Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5116ABSE Datasheet(PDF) 8 Page - Elpida Memory

Part # EDE5116ABSE
Description  512M bits DDR2 SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5116ABSE Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDE5116ABSE Datasheet HTML 4Page - Elpida Memory EDE5116ABSE Datasheet HTML 5Page - Elpida Memory EDE5116ABSE Datasheet HTML 6Page - Elpida Memory EDE5116ABSE Datasheet HTML 7Page - Elpida Memory EDE5116ABSE Datasheet HTML 8Page - Elpida Memory EDE5116ABSE Datasheet HTML 9Page - Elpida Memory EDE5116ABSE Datasheet HTML 10Page - Elpida Memory EDE5116ABSE Datasheet HTML 11Page - Elpida Memory EDE5116ABSE Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
EDE5104ABSE, EDE5108ABSE, EDE5116ABSE
Data Sheet E0323E90 (Ver. 9.0)
8
max.
Parameter
Symbol Grade
× 4
× 8
× 16
Unit Test condition
Auto-refresh current
IDD5
-5C
-4A
250
230
250
230
250
230
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD) interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Self-refresh current
IDD6
6
6
6
mA
Self Refresh Mode;
CK and /CK at 0V;
CKE
≤ 0.2V;
Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING
Operating current
(Bank interleaving)
IDD7
-5C
-4A
300
280
320
300
500
480
mA
all bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = tRCD (IDD)
−1
× tCK (IDD);
tCK = tCK (IDD), tRC = tRC (IDD), tRRD = tRRD(IDD),
tRCD = 1
× tCK (IDD);
CKE is H, CS is H between valid commands;
Address bus inputs are STABLE during DESELECTs;
Data pattern is same as IDD4W;
Notes: 1. IDD specifications are tested after the device is properly initialized.
2. Input slew rate is specified by AC Input Test Condition.
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, /DQS, RDQS, /RDQS, LDQS, /LDQS, UDQS, and /UDQS. IDD
values must be met with all combinations of EMRS bits 10 and 11.
5. Definitions for IDD
L is defined as VIN
≤ VIL (AC) (max.)
H is defined as VIN
≥ VIH (AC) (min.)
STABLE is defined as inputs stable at an H or L level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between H and L every other clock cycle (once per two clocks) for address and control
signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals
not including masks or strobes.
6. Refer to AC Timing for IDD Test Conditions.
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-533
DDR2-400
Parameter
4-4-4
3-3-3
Unit
CL(IDD)
4
3
tCK
tRCD(IDD)
15
15
ns
tRC(IDD)
55
55
ns
tRRD(IDD)-
×4/×8
7.5
7.5
ns
tRRD(IDD)-
×16
10
10
ns
tCK(IDD)
3.75
5
ns
tRAS(min.)(IDD)
40
40
ns
tRAS(max.)(IDD)
70000
70000
ns
tRP(IDD)
15
15
ns
tRFC(IDD)
105
105
ns


Similar Part No. - EDE5116ABSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5116AFSE ELPIDA-EDE5116AFSE Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
EDE5116AFSE-4A-E ELPIDA-EDE5116AFSE-4A-E Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
EDE5116AFSE-5C-E ELPIDA-EDE5116AFSE-5C-E Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
EDE5116AFSE-6E-E ELPIDA-EDE5116AFSE-6E-E Datasheet
681Kb / 65P
   512M bits DDR2 SDRAM (32M words x 16 bits)
EDE5116AHBG-4A-E ELPIDA-EDE5116AHBG-4A-E Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5116ABSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com