Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD5116AFTA-6B-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EDD5116AFTA-6B-E
Description  512M bits DDR SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5116AFTA-6B-E Datasheet(HTML) 2 Page - Elpida Memory

  EDD5116AFTA-6B-E Datasheet HTML 1Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 2Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 3Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 4Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 5Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 6Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 7Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 8Page - Elpida Memory EDD5116AFTA-6B-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
EDD5108AFTA, EDD5116AFTA
Data Sheet E0699E20 (Ver. 2.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
banks
Data rate
Mbps (max.)
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDD5108AFTA-6B-E
EDD5108AFTA-7A-E
EDD5108AFTA-7B-E
F
64M
× 8
4
333
266
266
DDR333B (2.5-3-3)
DDR266A (2-3-3)
DDR266B (2.5-3-3)
66-pin Plastic
TSOP (II)
EDD5116AFTA-6B-E
EDD5116AFTA-7A-E
EDD5116AFTA-7B-E
32M
× 16
333
266
266
DDR333B (2.5-3-3)
DDR266A (2-3-3)
DDR266B (2.5-3-3)
Part Number
Elpida Memory
Density / Bank
51: 512M / 4-bank
Organization
08: x8
16: x16
Power Supply, Interface
A: 2.5V, SSTL_2
Die Rev.
Package
TA: TSOP (II)
Speed
6B: DDR333B (2.5-3-3)
7A: DDR266A (2-3-3)
7B: DDR266B (2.5-3-3)
Product Family
D: DDR SDRAM
Type
D: Monolithic Device
E D D 51 08 A F TA - 6B - E
Environment Code
E: Lead Free


Similar Part No. - EDD5116AFTA-6B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AFTA-6B-E ELPIDA-EDD5116AFTA-6B-E Datasheet
488Kb / 52P
   512M bits DDR SDRAM
More results

Similar Description - EDD5116AFTA-6B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
EDD5108AGTA ELPIDA-EDD5108AGTA Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com