Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28LV010RPFS-20 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 28LV010RPFS-20
Description  3.3V 1 Megabit (128K x 8-Bit) EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28LV010RPFS-20 Datasheet(HTML) 3 Page - Maxwell Technologies

  28LV010RPFS-20 Datasheet HTML 1Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 2Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 3Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 4Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 5Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 6Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 7Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 8Page - Maxwell Technologies 28LV010RPFS-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV010
03.14.03 REV 6
TABLE 4. 28LV010 RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
3.0
3.6
V
Input Voltage
RES_PIN
V
IL
V
IH
V
H
-0.3 1
2.0 2
V
CC-0.5
1. V
IL min = -1.0 V for pulse width < 50 ns.
2. V
IH min=2.2V for VCC =3.6 V.
0.8
V
CC+0.3
V
CC +1
V
Operating Temperature Range
T
OPR
-55
+125
°C
TABLE 5. 28LV010 CAPACITANCE
(T
A = 25° C, F = 1MHZ)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Capacitance: V
IN =0V
1
1. Guaranteed by design.
C
IN
--
6
pF
Output Capacitance: V
OUT =0V
1
C
OUT
--
12
pF
TABLE 6. 28LV010 DC ELECTRICAL CHARACTERISTICS
(V
CC = 3.3V ± 0.3, TA =-55 TO +125° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SYMBOL SUBGROUPS
MIN
MAX
UNIT
Input Leakage Current
V
CC =3.6V, VIN =3.6V
I
LI
1, 2, 3
--
21
1. I
LI on RES = 100 uA max.
µA
Output Leakage Current V
CC =3.6V, VOUT = 3.6V/0.4V
I
LO
1, 2, 3
--
2
µ A
Standby V
CC Current
CE =V
CC
CE =V
IH
I
CC1
I
CC2
1, 2, 3
--
--
20
1
µA
mA
Operating V
CC Current
I
OUT = 0mA,
Duty = 100%,
Cycle= 1µ s @ V
CC =3.3V
I
OUT = 0mA,
Duty = 100%,
Cycle = 200 ns @ V
CC =3.3V
I
CC3
1, 2, 3
--
--
6
15
mA
Input Voltage
V
IL
V
IH
V
H
1, 2, 3
--
2.02
V
CC-0.5
2. V
IH min = 2.2V for VCC =3.6V.
0.8
--
--
V
Output Voltage3
3. Rdy/Bsy is an open collector output.
I
OL =2.1 mA
I
OH =-0.4mA
I
OH =-0.1mA
V
OL
V
OH
V
OH
1, 2, 3
--
V
CC x0.8
V
CC-0.3
0.4
--
--
V


Similar Part No. - 28LV010RPFS-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFB-20 MAXWELL-28LV011RPFB-20 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFB-25 MAXWELL-28LV011RPFB-25 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFE-20 MAXWELL-28LV011RPFE-20 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011RPFE-25 MAXWELL-28LV011RPFE-25 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28LV010RPFS-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com