Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZPS0204310A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MZPS0204310A
Description  Miniature Relays Series M Type MZ 2 poles 10A Monostable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MZPS0204310A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MZPS0204310A Datasheet HTML 1Page - List of Unclassifed Manufacturers MZPS0204310A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice
47
47
Specifications are subject to change without notice
Miniature Relays Series M
Type MZ 2poles 10A
Monostable
2
Reduction of expected life
against load power factor cos
ϕ
Dimensions
Pin View
Wiring Diagrams
Load power factor
Diagrams
1
Expected life at 250 VAC
(Resistive loads and repetition
rate 1000 cycles/h)
≥ 15% of
rated voltage
Coil Characteristics AC (20°C)
Coil
ref. no.
Winding resistance
±%
90
91
92
93
94
95
96
97
Rated Voltage
VAC
Operating range
min. VAC
Max. VAC
Must release
VAC
6
12
24
48
60
110
220
240
12
56
230
870
1500
5300
20000
25000
10
10
10
15
15
15
15
15
6.6
13.2
26.4
52.8
66.0
129.0
242.0
264.0
4.8
9.6
19.2
38.4
48.0
88.0
176.0
192.0
Rated Current (mA)
50Hz
60Hz
270.0
119.0
57.0
30.5
23.8
12.3
5.9
5.7
237.0
104.0
50.0
26.7
21.0
10.8
5.2
5.0
Inductance
H
0.059
0.267
1.123
4.170
6.450
22.400
100.200
107.800
Contact Characteristics
Rating
Material (standard version)2)
Current
(at 250VAC)
Rated current
Max. switching current
Overload current
(4sec ON / 40sec OFF cycle)
Voltage
Rated voltage
Max.switching voltage
(VDE 0435)
10 A
AgCdO
10 A
12 A
14 A
250 VAC
380 VAC
Power
Max. switching power with
resistive load in AC 3)
Max. switching power in DC
Minimum switching current 2)
(typical value)
Life (see diagram 1)
Typical electrical life at max.
resistive load
1000 cycles/h
500 cycles/h
Max.electrical repetition rate
Mech. life at 18000 cycles/h
2500 VA
see diagram 3
100mA at 24VDC
7.5 x 10
4 cycles
8 x 10
4 cycles
3600 cycles/h
50 x 10
6 cycles
MZP...200/020/002 10A
200
020
002
200
020
002
MZP:
h = 25,2 mm
h’= 4,3 - 5,3 mm
MZF/MZH: h = 26.5 mm
h’= 2.8 - 3.8 mm
h
h’
V (Volt) DC
3
Max. switching power DC
2) 3)
See pag. 48
046/47-MZ 2P 10A eng
2-03-2001
11:49
Pagina 47


Similar Part No. - MZPS0204310A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZP4728 MOTOROLA-MZP4728 Datasheet
273Kb / 4P
   1.0 WATT SURMETIC 30 SILICON ZENER DIODES
MZP4729 MOTOROLA-MZP4729 Datasheet
273Kb / 4P
   1.0 WATT SURMETIC 30 SILICON ZENER DIODES
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
MZP4729A ONSEMI-MZP4729A Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
MZP4729A ONSEMI-MZP4729A Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
More results

Similar Description - MZPS0204310A

ManufacturerPart #DatasheetDescription
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
   Miniature PCB Power Relays 10A 250VAC
logo
Panasonic Semiconductor
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
Panasonic Semiconductor
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
IDEC Corporation
RY42S-UDC24V IDEC-RY42S-UDC24V Datasheet
2Mb / 11P
   RY/RM Series Miniature Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com