Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE52UD6AFSA Datasheet(PDF) 10 Page - Elpida Memory

Part # EBE52UD6AFSA
Description  512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE52UD6AFSA Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBE52UD6AFSA Datasheet HTML 6Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 7Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 8Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 9Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 10Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 11Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 12Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 13Page - Elpida Memory EBE52UD6AFSA Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
EBE52UD6AFSA
Data Sheet E0722E30 (Ver. 3.0)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Notes
Voltage on any pin relative to VSS
VT
–0.5 to +2.3
V
1
Supply voltage relative to VSS
VDD
–0.5 to +2.3
V
Short circuit output current
IOS
50
mA
1
Power dissipation
PD
4
W
Operating case temperature
TC
0 to +95
°C
1, 2
Storage temperature
Tstg
–55 to +100
°C
1
Notes: 1. DDR2 SDRAM component specification.
2. Supporting 0 to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9
µs) and higher temperature self-refresh entry via the control of
EMRS (2) bit A7 is required.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TC = 0°C to +85°C) (DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.7
1.8
1.9
V
4
VSS
0
0
0
V
VDDSPD
1.7
3.6
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
3
DC input logic high
VIH (DC)
VREF + 0.125
VDDQ + 0.3
V
DC input low
VIL (DC)
−0.3
VREF – 0.125
V
AC input logic high
-6E
VIH (AC)
VREF
+ 0.200
V
-5C, -4A
VIH (AC)
VREF
+ 0.250
V
AC input low
-6E
VIL (AC)
VREF – 0.200
V
-5C, -4A
VIL (AC)
VREF – 0.250
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ must be equal to VDD.


Similar Part No. - EBE52UD6AFSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52UD6ABSA ELPIDA-EBE52UD6ABSA Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBE52UD6ABSA-4A-E ELPIDA-EBE52UD6ABSA-4A-E Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBE52UD6ABSA-5C-E ELPIDA-EBE52UD6ABSA-5C-E Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
EBE52UD6AJUA-6E-E ELPIDA-EBE52UD6AJUA-6E-E Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
More results

Similar Description - EBE52UD6AFSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52UD6ABSA ELPIDA-EBE52UD6ABSA Datasheet
229Kb / 21P
   512MB DDR2 SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBD52UD6ADSA-E ELPIDA-EBD52UD6ADSA-E Datasheet
213Kb / 19P
   512MB DDR SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
EBD52UC8AKDA ELPIDA-EBD52UC8AKDA Datasheet
199Kb / 19P
   512MB DDR SDRAM SO DIMM (64M words x 64 bits, 2 Ranks)
EBD52UD6ADSA ELPIDA-EBD52UD6ADSA Datasheet
253Kb / 19P
   512MB DDR SDRAM SO-(64M words x 64 bits, 2 Ranks)
EBD52UC8AKFA-5-E ELPIDA-EBD52UC8AKFA-5-E Datasheet
190Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBD52UC8AKFA-5 ELPIDA-EBD52UC8AKFA-5 Datasheet
152Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 64 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBD52EC8AKFA-5 ELPIDA-EBD52EC8AKFA-5 Datasheet
179Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM (64M words x 72 bits, 2 Ranks)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com