Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11UD8ABFA-4A-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EBE11UD8ABFA-4A-E
Description  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11UD8ABFA-4A-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBE11UD8ABFA-4A-E Datasheet HTML 3Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 4Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 5Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 6Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 7Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 8Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 9Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 10Page - Elpida Memory EBE11UD8ABFA-4A-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
EBE11UD8ABFA
Data Sheet E0365E50 (Ver. 5.0)
7
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
62
SPD Revision
0
0
0
1
0
0
0
0
10H
Rev. 1.0
63
Checksum for bytes 0 to 62
-5C
1
1
1
0
0
0
1
0
E2H
-4A
0
1
1
0
0
1
1
0
66H
64 to 65
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
Continuation
code
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
(ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
1
45H
E
76
Module part number
0
0
1
1
0
0
0
1
31H
1
77
Module part number
0
0
1
1
0
0
0
1
31H
1
78
Module part number
0
1
0
1
0
1
0
1
55H
U
79
Module part number
0
1
0
0
0
1
0
0
44H
D
80
Module part number
0
0
1
1
1
0
0
0
38H
8
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
0
0
1
0
42H
B
83
Module part number
0
1
0
0
0
1
1
0
46H
F
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-5C
0
0
1
1
0
1
0
1
35H
5
-4A
0
0
1
1
0
1
0
0
34H
4
87
Module part number
-4A
0
1
0
0
0
0
0
1
41H
A
-5C
0
1
0
0
0
0
1
1
43H
C
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(BCD)
95 to 98
Module serial number
99 to 127
Manufacture specific data
Note: These specifications are defined based on component specification, not module.


Similar Part No. - EBE11UD8ABFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8ABFV ELPIDA-EBE11UD8ABFV Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
EBE11UD8ABFV-AE-E ELPIDA-EBE11UD8ABFV-AE-E Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
EBE11UD8ABFV-BE-E ELPIDA-EBE11UD8ABFV-BE-E Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
More results

Similar Description - EBE11UD8ABFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com