Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11UD8ABFA-5C-E Datasheet(PDF) 4 Page - Elpida Memory

Part # EBE11UD8ABFA-5C-E
Description  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11UD8ABFA-5C-E Datasheet(HTML) 4 Page - Elpida Memory

  EBE11UD8ABFA-5C-E Datasheet HTML 1Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 2Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 3Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 4Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 5Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 6Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE11UD8ABFA-5C-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
EBE11UD8ABFA
Data Sheet E0365E50 (Ver. 5.0)
4
Pin Description
Pin name
Function
A0 to A13
Address input
Row address
A0 to A13
Column address
A0 to A9
A10 (AP)
Auto precharge
BA0, BA1
Bank select address
DQ0 to DQ63
Data input/output
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0, /CS1
Chip select
CKE0, CKE1
Clock enable
CK0 to CK2
Clock input
/CK0 to /CK2
Differential clock input
DQS0 to DQS7, /DQS0 to /DQS7
Input and output data strobe
DM0 to DM7
Input mask
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0 to SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREF
Input reference voltage
VSS
Ground
ODT0, ODT1
ODT control
NC
No connection


Similar Part No. - EBE11UD8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8ABFV ELPIDA-EBE11UD8ABFV Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
EBE11UD8ABFV-AE-E ELPIDA-EBE11UD8ABFV-AE-E Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
EBE11UD8ABFV-BE-E ELPIDA-EBE11UD8ABFV-BE-E Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
More results

Similar Description - EBE11UD8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com