Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11ED8AGFA Datasheet(PDF) 5 Page - Elpida Memory

Part # EBE11ED8AGFA
Description  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11ED8AGFA Datasheet(HTML) 5 Page - Elpida Memory

  EBE11ED8AGFA Datasheet HTML 1Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 2Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 3Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 4Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 5Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 6Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 7Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 8Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
EBE11ED8AGFA
Data Sheet E0784E20 (Ver. 2.0)
5
Serial PD Matrix
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
1
0
0
0
08H
DDR2 SDRAM
3
Number of row address
0
0
0
0
1
1
1
0
0EH
14
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
1
1
0
0
0
0
1
61H
2
6
Module data width
0
1
0
0
1
0
0
0
48H
72
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this
assembly
0
0
0
0
0
1
0
1
05H
SSTL 1.8V
9
DDR SDRAM cycle time, CL = 5
-6E
0
0
1
1
0
0
0
0
30H
3.0ns*
1
-5C
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
-4A
0
1
0
1
0
0
0
0
50H
5.0ns*
1
10
SDRAM access from clock (tAC)
-6E
0
1
0
0
0
1
0
1
45H
0.45ns*
1
-5C
0
1
0
1
0
0
0
0
50H
0.5ns*
1
-4A
0
1
1
0
0
0
0
0
60H
0.6ns*
1
11
DIMM configuration type
0
0
0
0
0
0
1
0
02H
ECC
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
15
Reserved
0
0
0
0
0
0
0
0
00H
0
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
0
0
0CH
4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
1
1
1
0
0
0
38H
3, 4, 5
19
DIMM Mechanical Characteristics
0
0
0
0
0
0
0
1
01H
4.00mm max.
20
DIMM type information
0
0
0
0
0
0
1
0
02H
Unbuffered
21
SDRAM module attributes
0
0
0
0
0
0
0
0
00H
Normal
22
SDRAM device attributes: General
0
0
0
0
0
0
1
1
03H
Weak Driver
50
Ω ODT Support
23
Minimum clock cycle time at CL = 4
-6E, -5C
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
-4A
0
1
0
1
0
0
0
0
50H
5.0ns*
1
24
Maximum data access time (tAC)
from clock at CL = 4
-6E, -5C
0
1
0
1
0
0
0
0
50H
0.5ns*
1
-4A
0
1
1
0
0
0
0
0
60H
0.6ns*
1
25
Minimum clock cycle time at CL = 3
0
1
0
1
0
0
0
0
50H
5.0ns*
1
26
Maximum data access time (tAC)
from clock at CL = 3
0
1
1
0
0
0
0
0
60H
0.6ns*
1
27
Minimum row precharge time (tRP)
0
0
1
1
1
1
0
0
3CH
15ns
28
Minimum row active to row active
delay (tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns


Similar Part No. - EBE11ED8AGFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11ED8AGWA ELPIDA-EBE11ED8AGWA Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA-5C-E ELPIDA-EBE11ED8AGWA-5C-E Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA-6E-E ELPIDA-EBE11ED8AGWA-6E-E Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE11ED8AGFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com