Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11ED8ABFA-5C-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EBE11ED8ABFA-5C-E
Description  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11ED8ABFA-5C-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE11ED8ABFA-5C-E Datasheet HTML 2Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 3Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 4Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 5Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 6Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 9Page - Elpida Memory EBE11ED8ABFA-5C-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
EBE11ED8ABFA
Data Sheet E0379E40 (Ver. 4.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
28
Minimum row active to row active
delay (tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD)
-5C, -4A
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
1
0
1
2DH
45ns
31
Module rank density
1
0
0
0
0
0
0
0
80H
512M bytes
32
Address and command setup time
before clock (tIS)
-5C
0
0
1
0
0
1
0
1
25H
0.25ns*
1
-4A
0
0
1
1
0
1
0
1
35H
0.35ns*
1
33
Address and command hold time after
clock (tIH)
-5C
0
0
1
1
1
0
0
0
38H
0.38ns*
1
-4A
0
1
0
0
1
0
0
0
48H
0.48ns*
1
34
Data input setup time before clock
(tDS)
-5C
0
0
0
1
0
0
0
0
10H
0.10ns*
1
-4A
0
0
0
1
0
1
0
1
15H
0.15ns*
1
35
Data input hold time after clock (tDH)
-5C
0
0
1
0
0
0
1
1
23H
0.23ns*
1
-4A
0
0
1
0
1
0
0
0
28H
0.28ns*
1
36
Write recovery time (tWR)
0
0
1
1
1
1
0
0
3CH
15ns*
1
37
Internal write to read command delay
(tWTR)
-5C
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
-4A
0
0
1
0
1
0
0
0
28H
10ns*
1
38
Internal read to precharge command
delay (tRTP)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
39
Memory analysis probe characteristics 0
0
0
0
0
0
0
0
00H
TBD
40
Extension of Byte 41 and 42
0
0
0
0
0
0
0
0
00H
Undefined
41
Active command period (tRC)
-5C, -4A
0
0
1
1
1
1
0
0
3CH
60ns*
1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
0
1
1
0
1
0
0
1
69H
105ns*
1
43
SDRAM tCK cycle max. (tCK max.)
1
0
0
0
0
0
0
0
80H
8ns*
1
44
Dout to DQS skew
-5C
0
0
0
1
1
1
1
0
1EH
0.30ns*
1
-4A
0
0
1
0
0
0
1
1
23H
0.35ns*
1
45
Data hold skew (tQHS)
-5C
0
0
1
0
1
0
0
0
28H
0.40ns*
1
-4A
0
0
1
0
1
1
0
1
2DH
0.45ns*
1
46
PLL relock time
0
0
0
0
0
0
0
0
00H
Undefined
47 to 61
0
0
0
0
0
0
0
0
00H


Similar Part No. - EBE11ED8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-4A-E ELPIDA-EBE11ED8AEFA-4A-E Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-5C-E ELPIDA-EBE11ED8AEFA-5C-E Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6E-E ELPIDA-EBE11ED8AEFA-6E-E Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
More results

Similar Description - EBE11ED8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AGFA ELPIDA-EBE11ED8AGFA Datasheet
208Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com