Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE10RD4AEFA-4A-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE10RD4AEFA-4A-E
Description  1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE10RD4AEFA-4A-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE10RD4AEFA-4A-E Datasheet HTML 4Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 5Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 6Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 7Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 8Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 9Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 10Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 11Page - Elpida Memory EBE10RD4AEFA-4A-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
EBE10RD4AEFA
Data Sheet E0644E30 (Ver. 3.0)
8
Block Diagram
DQS
DM
DQ0 to DQ3
4
DQS0
RS
/CS
D0
/RCS0
VSS
DQ8 to DQ11
4
DQS1
RS
RS
RS
RS
RS
RS
RS
RS
/CS*2
BA0 to BA1
A0 to A13
/RAS
/CAS
CKE0
/WE
ODT0
/RCS0 -> /CS: SDRAMs D0 to D17
RBA0 to RBA1 -> BA0 to BA1: SDRAMs D0 to D17
RA0 to RA13 -> A0 to A13: SDRAMs D0 to D17
/RRAS -> /RAS: SDRAMs D0 to D17
/RCAS -> /CAS: SDRAMs D0 to D17
RCKE0 -> CKE: SDRAMs D0 to D17
/RWE -> /WE: SDRAMs D0 to D17
RODT0 -> ODT0: SDRAMs D0 to D17
R
E
G
I
S
T
E
R
/PCK7*3
/RESET*3
/DQS0
/DQS
DQS
DM
/CS
D1
/DQS
/DQS1
DQ16 to DQ19
4
DQS2
RS
DQS
DM
/CS
D2
/DQS
/DQS2
DQ24 to DQ27
4
DQS3
RS
DQS
DM
/CS
D3
/DQS
/DQS3
DQ32 to DQ35
4
DQS4
RS
DQS
DM
/CS
D4
/DQS
/DQS4
DQ40 to DQ43
4
DQS5
RS
DQS
DM
/CS
D5
/DQS
/DQS5
DQ48 to DQ51
4
DQS6
RS
DQS
DM
/CS
D6
/DQS
/DQS6
DQ56 to DQ59
4
DQS7
RS
DQS
DM
/CS
D7
/DQS
/DQS7
CB0 to CB3
4
DQS8
RS
DQ0
to DQ3
DQS
DM
/CS
D8
/DQS
/DQS8
DQS
DM
DQ4 to /DQ7
4
DQS9
RS
/CS
D9
DQ12 to DQ15
4
RS
/DQS9
/DQS
DQS
DM
/CS
D10
/DQS
DQ20 to DQ23
4
RS
DQS
DM
/CS
D11
/DQS
DQ28 to DQ31
4
RS
DQS
DM
/CS
D12
/DQS
DQ36 to DQ39
4
RS
DQS
DM
/CS
D13
/DQS
DQ44 to DQ47
4
RS
DQS
DM
/CS
D14
/DQS
DQ52 to DQ55
4
RS
DQS
DM
/CS
D15
/DQS
DQ60 to DQ63
4
RS
DQS
DM
/CS
D16
/DQS
CB4 to CB7
4
RS
DQS
DM
/CS
D17
/DQS
DQS10
/DQS10
DQS11
/DQS11
DQS12
/DQS12
DQS13
/DQS13
DQS14
/DQS14
DQS15
/DQS15
DQS16
/DQS16
DQS17
/DQS17
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
RS
/RST
PCK7*3
Notes:
1. DQ wring may be changed within a nibble.
2. /CS connects to D/CS of register and /CSR of register2.
/CSR of register1 and D/CS of register2 connects to VDD.
3. /RESET, PCK7 and /PCK7 connect to both registers.
Other signals to one of two registers.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8, PCK9 -> CK: SDRAMs D0 to D17
/PCK0 to /PCK6, /PCK8, /PCK9 -> /CK: SDRAMs D0 to D17
PCK7 -> CK:
register
/PCK7 -> /CK:
register
D0 to D17: 512M bits DDR2 SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CU877
Register: SSTU32864
Serial PD
SDA
A0 A1 A2
SA0 SA1 SA2
SCL
SCL
U0
SDA
WP
Serial PD
D0 to D17
D0 to D17
D0 to D17
VDDSPD
VSS
VREF
VDD
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS


Similar Part No. - EBE10RD4AEFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10RD4AEFA-6 ELPIDA-EBE10RD4AEFA-6 Datasheet
200Kb / 22P
   1GB Registered DDR2 SDRAM DIMM
EBE10RD4AEFA-6E-E ELPIDA-EBE10RD4AEFA-6E-E Datasheet
200Kb / 22P
   1GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE10RD4AEFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10RD4AGFA ELPIDA-EBE10RD4AGFA Datasheet
196Kb / 23P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE10RD4ABFA ELPIDA-EBE10RD4ABFA Datasheet
172Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE20RE4AAFA ELPIDA-EBE20RE4AAFA Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com