Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M54R04AJ-12 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5M54R04AJ-12
Description  4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M54R04AJ-12 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M54R04AJ-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M54R04AJ-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M54R04AJ-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M54R04AJ-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M54R04AJ-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M54R04AJ-12 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M5M54R04AJ-10,-12,-15
MITSUBISHI
ELECTRIC
MITSUBISHI LSIs
4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
VI(S)=VIL
other inpus=VIH or VIL
Output-open(duty 100%)
VI= 0 ~ Vcc
- 2.0 ~ VCC
Operating temperature
V cc
VI
VO
Pd
Topr
Tstg
V
V
V
mW
- 2.0 ~ 4.6
1000
0 ~ 70
- 65 ~ 150
Ta=25°C
2
Icc
S
W
OE
H
Mode
Non selection
Stand by
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Storage temperature(bias)
Symbol
Unit
Conditions
With respect to GND
Ratings
DQ
High-impedance
*
Pulse width
3ns, In case of DC: - 0.5V
The operation mode of the M5M54R04AJ is determined by a
combination of the device control inputs S, W and OE. Each
mode is summarized in the function table.
A write cycle is executed whenever the low level W
overlaps with the low level S. The address must be set-up
before the write cycle and must be stable during the entire
cycle.
The data is latched into a cell on the trailing edge of W or
S, whichever occurs first, requiring the set-up and hold time
relative to these edge to be maintained. The output enable
input OE directly controls the output stage. Setting the OE at
a high level, the output stage is in a high impedance state,
and the data bus
contention problem in the write cycle is eliminated.
A read cycle is excuted by setting W at a high level and
OE at a low level while S are in an active state (S=L).
When setting S at high level, the chip is in a non-
selectable mode in which both reading and writing are
disable. In this mode, the output stage is in a high-
impedance state, allowing OR-tie with other chips and
memory expansion by S.
Signal-S controls the power-down feature. When S goes
high, power dissapation is reduced extremely. The access
time from S is equivalent to the address access time.
FUNCTION
- 2.0 ~ VCC+0.5
X
X
DC ELECTRICAL CHARACTERISTICS (Ta=0 ~ 70°C, Vcc=3.3V
,unless otherwise noted)
VIH
VIL
VOH
V
V
V
Vcc+0.3
0.8
2.0
2.4
VOL
0.4
IOH= - 4mA
Symbol
Parameter
Max
Typ
Limits
Min
Condition
Unit
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
VI(S)=VIH
VI/O= 0 ~ Vcc
I I
I CC1
I CC2
I CC3
mA
mA
190
I
OZ
2
2
uA
uA
VI(S)=Vcc
≥0.2V
other inputs VI
≤0.2V
or VI
≥Vcc - 0.2V
AC
DC
10
Input current
Active supply current
(TTL level)
Stand by current
(TTL level)
Output current in off-state
Stand by current
IOL = 8mA
VI(S)=VIH
Tstg(bias)
Storage temperature
- 10 ~ 85
FUNCTION TABLE
90
180
160
10ns cycle
V
L
Write
Active
Din
L
X
L
Read
Active
Dout
H
L
L
Active
High-impedance
H
H
12ns cycle
15ns cycle
mA
90
AC
DC
40
70
60
10ns cycle
12ns cycle
15ns cycle
+10%
- 5%
*
*
*
°C
°C
°C
Note 1: Direction for current flowing into an IC is positive (no mark).


Similar Part No. - M5M54R04AJ-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R04J-12 MITSUBISHI-M5M54R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M54R04J-15 MITSUBISHI-M5M54R04J-15 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
More results

Similar Description - M5M54R04AJ-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R04J-12 MITSUBISHI-M5M54R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com