Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD25UC8AKFA-5C Datasheet(PDF) 11 Page - Elpida Memory

Part # EBD25UC8AKFA-5C
Description  256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25UC8AKFA-5C Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBD25UC8AKFA-5C Datasheet HTML 7Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 8Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 9Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 10Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 11Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 12Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 13Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 14Page - Elpida Memory EBD25UC8AKFA-5C Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EBD25UC8AKFA-5
Preliminary Data Sheet E0353E30 (Ver. 3.0)
11
DC Characteristics 1 (TA = 0 to +70°C, VDD = 2.6V ± 0.1V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current (ACTV-PRE)
IDD0
-5B
-5C
880
800
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACTV-READ-PRE)
IDD1
-5B
-5C
1120
1040
mA
CKE ≥ VIH, BL = 4,
CL = 3,
tRC = tRC (min.)
1, 2, 5
Idle power down standby current
IDD2P
24
mA
CKE ≤ VIL
4
Floating idle
Standby current
IDD2F
240
mA
CKE ≥ VIH, /CS ≥ VIH
DQ, DQS, DM = VREF
4, 5
Quiet idle
Standby current
IDD2Q
200
mA
CKE ≥ VIH, /CS ≥ VIH
DQ, DQS, DM = VREF
4, 10
Active power down
standby current
IDD3P
160
mA
CKE ≤ VIL
3
Active standby current
IDD3N
480
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
1600
mA
CKE ≥ VIH, BL = 2,
CL = 3
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
1680
mA
CKE ≥ VIH, BL = 2,
CL = 3
1, 2, 5, 6
Auto refresh current
IDD5
1360
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self refresh current
IDD6
24
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
2560
mA
BL = 4
5, 6, 7
Notes: 1. These IDD data are measured under condition that DQ pins are not connected.
2. One bank operation.
3. One bank active.
4. All banks idle.
5. Command/Address transition once per one cycle.
6. DQ, DM and DQS mask transition twice per one cycle.
7. 4 banks active. Only one bank is running at tRC = tRC (min.)
8. The IDD data on this table are measured with regard to tCK = tCK (min.) in general.
9. Command/Address transition once per one every two clock cycles.
10. Command/Address stable at ≥ VIH or ≤ VIL.
DC Characteristics 2 (TA = 0 to +70°C, VDD, VDDQ = 2.6V ± 0.1V, VSS = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–16
16
µA
VDD ≥ VIN ≥ VSS
Output leakage current
ILO
–5
5
µA
VDD ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
1
Output low current
IOL
15.2
mA
VOUT = 0.35V
1
Note: 1. DDR SDRAM component specification.


Similar Part No. - EBD25UC8AKFA-5C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AKFA-5C-E ELPIDA-EBD25UC8AKFA-5C-E Datasheet
189Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
More results

Similar Description - EBD25UC8AKFA-5C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AKFA-5-E ELPIDA-EBD25UC8AKFA-5-E Datasheet
189Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25EC8AKFA-5 ELPIDA-EBD25EC8AKFA-5 Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
EBD26UC6AKSA ELPIDA-EBD26UC6AKSA Datasheet
204Kb / 19P
   256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
EBD26UC6AKSA-E ELPIDA-EBD26UC6AKSA-E Datasheet
213Kb / 19P
   256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com