Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD11ED8ADFB Datasheet(PDF) 7 Page - Elpida Memory

Part # EBD11ED8ADFB
Description  1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD11ED8ADFB Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBD11ED8ADFB Datasheet HTML 3Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 4Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 5Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 6Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 7Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 8Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 9Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 10Page - Elpida Memory EBD11ED8ADFB Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EBD11ED8ADFB
Data Sheet E0415E20 (Ver. 2.0)
7
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
(ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
0
44H
D
76
Module part number
0
0
1
1
0
0
0
1
31H
1
77
Module part number
0
0
1
1
0
0
0
1
31H
1
78
Module part number
0
1
0
0
0
1
0
1
45H
E
79
Module part number
0
1
0
0
0
1
0
0
44H
D
80
Module part number
0
0
1
1
1
0
0
0
38H
8
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
0
1
0
0
44H
D
83
Module part number
0
1
0
0
0
1
1
0
46H
F
84
Module part number
0
1
0
0
0
0
1
0
42H
B
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-6B
0
0
1
1
0
1
1
0
36H
6
-7A, -7B
0
0
1
1
0
1
1
1
37H
7
87
Module part number
-7A
0
1
0
0
0
0
0
1
41H
A
-6B, -7B
0
1
0
0
0
0
1
0
42H
B
88 to 90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(HEX)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(HEX)
95 to 98
Module serial number
99 to 127 Manufacture specific data
Note: These specifications are defined based on component specification, not module.


Similar Part No. - EBD11ED8ADFB

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5B ELPIDA-EBD11ED8ADFB-5B Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5C ELPIDA-EBD11ED8ADFB-5C Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
More results

Similar Description - EBD11ED8ADFB

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11UD8ADFB ELPIDA-EBD11UD8ADFB Datasheet
187Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x64 bits, 2 Ranks)
EBD11UD8ADFB-5 ELPIDA-EBD11UD8ADFB-5 Datasheet
182Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x64 bits, 2 Ranks)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
EBD11UD8ADDA ELPIDA-EBD11UD8ADDA Datasheet
205Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com