Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD10RD4ADFA Datasheet(PDF) 10 Page - Elpida Memory

Part # EBD10RD4ADFA
Description  1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD10RD4ADFA Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBD10RD4ADFA Datasheet HTML 6Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 7Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 8Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 9Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 10Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 11Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 12Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 13Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EBD10RD4ADFA
Data Sheet E0430E20 (Ver. 2.0)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–1.0 to +3.6
V
Supply voltage relative to VSS
VDD
–1.0 to +3.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
18
W
Operating ambient temperature
TA
0 to +70
°C
1
Storage temperature
Tstg
–55 to +125
°C
Note:1.
DDR SDRAM component specification
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = 0 to +70°C) (DDR SDRAM Component Specification)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
VDD,VDDQ
2.3
2.5
2.7
V
1
VSS
0
0
0
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
2
Input low voltage
VIL (DC)
–0.3
VREF – 0.15
V
3
Input voltage level,
CK and /CK inputs
VIN (DC)
–0.3
VDDQ + 0.3
V
4
Input differential cross point
voltage, CK and /CK inputs
VIX (DC)
0.5
× VDDQ − 0.2V 0.5 × VDDQ
0.5
× VDDQ + 0.2V V
Input differential voltage,
CK and /CK inputs
VID (DC)
0.36
VDDQ + 0.6
V
5, 6
Notes: 1. VDDQ must be lower than or equal to VDD.
2. VIH is allowed to exceed VDD up to 3.6V for the period shorter than or equal to 5ns.
3. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
4. VIN (DC) specifies the allowable DC execution of each differential input.
5. VID (DC) specifies the input differential voltage required for switching.
6. VIH (CK) min assumed over VREF + 0.18V, VIL (CK) max assumed under VREF – 0.18V
if measurement.


Similar Part No. - EBD10RD4ADFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD10RD4ADFA-6B-E ELPIDA-EBD10RD4ADFA-6B-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-7A-E ELPIDA-EBD10RD4ADFA-7A-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-7B-E ELPIDA-EBD10RD4ADFA-7B-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
More results

Similar Description - EBD10RD4ADFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE10RD4AGFA ELPIDA-EBE10RD4AGFA Datasheet
196Kb / 23P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBE10RD4AEFA ELPIDA-EBE10RD4AEFA Datasheet
190Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE10RD4ABFA ELPIDA-EBE10RD4ABFA Datasheet
172Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD25EC8AKFA-5 ELPIDA-EBD25EC8AKFA-5 Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
EBD21RD4ADNA ELPIDA-EBD21RD4ADNA Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com