Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN101E33K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101E33K
Description  MN101E33G
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101E33K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101E33K Datasheet HTML 1Page - Panasonic Semiconductor MN101E33K Datasheet HTML 2Page - Panasonic Semiconductor MN101E33K Datasheet HTML 3Page - Panasonic Semiconductor MN101E33K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAD00065BEM
MN101E33G, MN101E33K
Timer counter 7 : 16-bit × 1
(square-wave/16-bit PWM output, cycle / duty continuous variable, event count, synchronous output evevt, pulse width
measurement, input capture)
Clock source................ 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1,
1/2, 1/4, 1/16 of external clock input frequency
Interrupt source ........... coincidence with compare register 7 (2 lines)
Timer counter A, B, C, D, E : 8-bit × 5
Clock source................ 1/2, 1/4 of system clock frequency; 1/1, 1/2, 1/4, 1/8, 1/16. 1/32 of OSC oscillation clock frequency
Interrupt source ........... coincidence with compare register A, B, C, D, E
Time base timer (one-minute count setting)
Clock source................ 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency
Interrupt source ........... 1/128, 1/256, 1/512, 1/1024, 1/8192, 1/32768 of clock source frequency
Watchdog timer
Interrupt source ........... 1/65536, 1/262144, 1/1048576, 1/4194304 of system clock frequency
Serial interface
Serial 0 : synchronous type/UART (full-duplex) × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 2, A; 1/2, 1/4, 1/16, 1/64 of OSC
oscillation clock frequency
Serial 1 : synchronous type/UART (full-duplex) × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 3, B; 1/2, 1/4, 1/8, 1/16, 1/64 of OSC
oscillation clock frequency
Serial 2 : synchronous type/single-master I²C × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 3, C; 1/2, 1/4, 1/16, 1/32 of OSC
oscillation clock frequency
Serial 3 : synchronous type/ I²C × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 2, D; 1/2, 1/4, 1/16, 1/32 of OSC
oscillation clock frequency
Serial 4 : synchronous type/UART (full-duplex) × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 2, E ; 1/2, 1/4, 1/16, 1/64 of OSC
oscillation clock frequency
IEBus Interface
Serial 0 : asynchronous
Clock source
1/2, 1/3 of system clock frequency
DMA controller
Nomber of channels : 2
Max. Transfer cycles : 255
Starting factor : external request, various types of interrupt, software
Transfer mode : 1-byte transfer, word transfer, burst transfer
I/O Pins
I/O
22
(5 V IF port) Common use , Specified pull-up resistor available, Input/output selectable (bit unit)
62
(3 V IF port) Common use , Specified pull-up resistor available, Input/output selectable (bit unit)
1
(3 V IF port) Common use
A/D converter
10-bit × 8-ch. (with S/H)
Special Ports
Buzzer output, high-current drive port
ROM Correction
Correcting address designation : up to 7 addresses possible


Similar Part No. - MN101E33K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101E30N PANASONIC-MN101E30N Datasheet
562Kb / 48P
   8-bit Single-chip Microcontroller
MN101E30R PANASONIC-MN101E30R Datasheet
391Kb / 3P
   MN101E30R
MN101E30R PANASONIC-MN101E30R Datasheet
562Kb / 48P
   8-bit Single-chip Microcontroller
MN101E31 PANASONIC-MN101E31 Datasheet
467Kb / 9P
   8-bit Single-chip Microcontroller
MN101E31A PANASONIC-MN101E31A Datasheet
467Kb / 9P
   8-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com