Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN101C77A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C77A
Description  MN101C77A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C77A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C77A Datasheet HTML 1Page - Panasonic Semiconductor MN101C77A Datasheet HTML 2Page - Panasonic Semiconductor MN101C77A Datasheet HTML 3Page - Panasonic Semiconductor MN101C77A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAD00038JEM
MN101C77A, MN101C77C, MN101C77D, MN101C77F
Time base timer (one-minute count setting)
Clock source................ 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency
Interrupt source ........... 1/128, 1/256, 1/512, 1/1024, 1/8192, 1/32768 of clock source frequency
Watchdog timer
Interrupt source ........... 1/65536, 1/262144, 1/1048576 of system clock frequency
Serial interface
Serial 0 : synchronous type / UART (full-duplex) × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 5; 1/2, 1/4, 1/16, 1/64 of OSC oscillation
clock frequency
Serial 1 : synchronous type / UART (full-duplex) × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 4; 1/2, 1/4, 1/16, 1/64 of OSC oscillation
clock frequency
Serial 3 : synchronous type/single-master I²C × 1
Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 3; 1/2, 1/4, 1/16, 1/32 of OSC oscillation
clock frequency
Serial 4 : I²C slave × 1 (Applicable for I²C high-speed transfer mode, 7 bit/10bit address setting, general call)
DMA controller
Max. Transfer cycles : 255
Starting factor : external request, various types of interrupt, software
Transfer mode : 1-byte transfer, word transfer, burst transfer
I/O Pins
I/O
53
Common use , Specified pull-up resistor available, Input/output selectable (bit unit)
A/D converter
10-bit × 7-ch. (with S/H)
D/A converter
8-bit × 2-ch. (Serves as AD pin, as well)
Special Ports
Buzzer output, remote control carrier signal output, high-current drive port
ROM Correction
Correcting address designation : up to 3 addresses possible
Electrical Charactreistics (Supply current)
Parameter
Symbol
Condition
Limit
Unit
min
typ
max
Operating supply current
IDD1
fosc = 20 MHz , VDD = 3.3 V, (fs = fosc/2)
6
12
mA
IDD2
fosc = 8.39 MHz , VDD = 3.3 V, (fs = fosc/2)
3
6
mA
IDD3
fx = 32.768 kHz , VDD = 3.3 V, (fs = fx/2)
40
µA
Supply current at HALT
IDD4
fx = 32.768 kHz , VDD = 3.3 V, Ta = 25°C
5
10
µA
IDD5
fx = 32.768 kHz , VDD = 3.3 V
40
µA
Supply current at STOP
IDD6
VDD = 3.3 V, Ta = 25°C
2
µA
IDD7
VDD = 3.3 V, Ta = 85°C
30
µA
(Ta = –40°C to +85°C , VDD = 1.8 V to 3.6 V , VSS = 0 V)
Development tools
In-circuit Emulator
PX-ICE101C/D+PX-PRB101C77-TQFP064-P-1010C
PX-ICE101C/D+PX-PRB101C77-LQFP064-P-1414


Similar Part No. - MN101C77A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C70C PANASONIC-MN101C70C Datasheet
304Kb / 4P
   MN101C70C
MN101C70D PANASONIC-MN101C70D Datasheet
304Kb / 4P
   MN101C70C
MN101C73 PANASONIC-MN101C73 Datasheet
334Kb / 3P
   MN101C73 Series
MN101C73A PANASONIC-MN101C73A Datasheet
145Kb / 5P
   MN101C73A, MN101C73D
MN101C73D PANASONIC-MN101C73D Datasheet
145Kb / 5P
   MN101C73A, MN101C73D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com