Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM2526LS8R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM2526LS8R
Description  DUAL USB POWER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM2526LS8R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM2526LS8R Datasheet HTML 1Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM2526LS8R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ELECTRICAL CHARACTERISTICS V = 5V, T = 25°C (unless otherwise noted)
IN
A
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARACTERISTICS
TEST CONDITIONS
Supply Current
Enable Input Threshold
Switch Resistance
Overtemperature Shutdown
Threshold
Error Flag Output Resistance
UVLO Threshold
Enable Input Current
Output Turn- ON Delay
Output Turn- OFF Delay
Enable Input Capacitance
Output Turn- ON Rise Time
Output Turn- OFF Fall Time
Output Leakage Current
Continuous Load Current
Error Flag Off Current
Short-Circuit Current Limit
Current-Limit Threshold
Switch off, OUT= open (Note 3)
Low-to-high transition
V = 5V , I
= 500mA, each switch
IN
OUT
T increasing
J
V
=5V, I =10mA
IN
L
V
= increasing
IN
All switch on, OUT= open (Note 3)
High-to-low transition (Note 3)
V
= 0V to 5.5V
EN
R = 10W each output
L
R = 10W each output
L
-
R = 10W each output
L
R = 10W each output
L
each output (output disabled)
each output (enable into load)= 4.0V
each output
V
=5V
FLG
-
-
-
-
-
-
-
0.8
-
-
-
-
-1.0
-
-
-
-
-
-
0.5
0.5
-
-
0.75
2.1
100
135
10
2.5
110
1.9
140
125
15
2.3
±0.01
0.5
1
1
1
1
-
0.75
-
0.01
5
2.4
140
-
25
-
160
-
180
-
40
-
1.0
-
20
-
-
20
10
1.25
2.2
-
1
µA
V
mW
°C
W
pF
µA
ms
µs
V = 2.7V, I
= 500mA, each switch
IN
OUT
ms
µs
µA
A
µA
A
A
1.6
ramped load applied to enabled
output, V
4.0V
OUT
T decreasing
J
V
=3.3V, I =10mA
IN
L
V
=decreasing
IN
V
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: Off is 0.8V and on is
2.4V for the GM2526-H. Off is
2.4V and on is
0.8V for the GM2526-L.
The enable input has approximately 200mV of hysteresis.
Power Management
A
A
MICROELECTRONICS
GM2526
Power Management
DUAL USB POWER SWITCH


Similar Part No. - GM2526LS8R

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
GM2524RD1 GREEGOO-GM2524RD1 Datasheet
437Kb / 2P
   GM 10 to 40 Amps Dual SSR
GM2524ZD1 GREEGOO-GM2524ZD1 Datasheet
437Kb / 2P
   GM 10 to 40 Amps Dual SSR
More results

Similar Description - GM2526LS8R

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Linear Dimensions Semic...
LND3526H LINEAR_DIMENSIONS-LND3526H Datasheet
137Kb / 1P
   DUAL USB POWER CONTROL SWITCH
logo
List of Unclassifed Man...
WT6621 ETC2-WT6621 Datasheet
149Kb / 15P
   Dual USB Power Control Switch
CM2026 ETC-CM2026 Datasheet
255Kb / 7P
   DUAL USB POWER CONTROL SWITCH
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com