Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC156ER Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLC156ER
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC156ER Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLC156ER Datasheet HTML 1Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 2Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 3Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
PIN CONNECTION
PDIP, SOP
SSOP
PDIP, SOP
SSOP
PIN DESCRIPTIONS
Name
I/O
Description
IOA0 ~ IOA3
I/O
IOA0 ~ IOA3 as bi-direction I/O port
IOB0/INT
I/O
Bi-direction I/O pin with system wake-up function / External interrupt input
IOB1 ~ IOB7
I/O
Bi-direction I/O port with system wake-up function
IOC0 ~ IOC7
I/O
Bi-direction I/O port
T0CKI
I
Clock input to Timer0. Must be tied to Vss or Vdd, if not in use, to reduce current
consumption
RSTB
I
System clear (RESET) input. This pin is an active low RESET to the device.
OSCI
I
X’tal type: Oscillator crystal input
RC type: Clock input of RC oscillator
OSCO
O
X’tal type: Oscillator crystal output.
RC mode: Outputs with the instruction cycle rate
Vdd
-
Positive supply
Vss
-
Ground
Legend: I=input, O=output, I/O=input/output
TLC154
TLC156
IOA2
18
1
17
16
15
14
13
12
11
10
2
3
4
5
6
7
8
9
IOA3
T0CKI
RSTB
Vss
IOB0/INT
IOB1
IOB2
IOB3
IOA0
OSCI
IOA1
OSCO
IOB7
IOB6
Vdd
IOB5
IOB4
TLC155
TLC157
T0CKI
28
1
27
26
25
24
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
11
12
13
14
Vdd
NC
Vss
NC
IOA0
IOA1
IOA2
IOA3
IOB0/INT
IOB1
IOB2
IOB3
IOB4
OSCI
OSCO
RSTB
IOC7
IOC5
IOC4
IOC6
IOC3
IOC1
IOC0
IOC2
IOB7
IOB5
IOB6
TLC154
TLC156
IOA2
IOA3
T0CKI
RSTB
Vss
Vss
IOB0/INT
IOB1
IOB2
IOA0
OSCI
IOA1
OSCO
Vdd
IOB7
Vdd
IOB6
IOB5
IOB3
IOB4
20
1
19
18
17
16
15
14
13
12
2
3
4
5
6
7
8
9
11
10
TLC155
TLC157
Vss
28
1
27
26
25
24
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
11
12
13
14
T0CKI
Vdd
Vdd
IOA0
IOA1
IOA2
IOA3
IOB0/INT
IOB1
IOB2
IOB3
IOB4
Vss
OSCI
OSCO
RSTB
IOC7
IOC5
IOC4
IOC6
IOC3
IOC1
IOC0
IOC2
IOB7
IOB5
IOB6
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156


Similar Part No. - TLC156ER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
594Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514DW TI-TLC1514DW Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514ID TI-TLC1514ID Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLC156ER

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com