Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC154ED Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TLC154ED
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC154ED Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TLC154ED Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 9Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 10Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 11Page - List of Unclassifed Manufacturers TLC154ED Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
FIGURE 2.2: Direct/Indirect Addressing for TLC157
Direct Addressing
Indirect Addressing
RP1:RP0
5
from opcode
0
5 from FSR register 0
0 0
0 1
1 0
1 1
location select
00h
location select
addressing INDF register
3Fh
2.1.2 TMR0 (Time Clock/Counter register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
01h (r/w)
TMR0
8-bit real-time clock/counter
The Timer0 is a 8-bit timer/counter. The clock source of Timer0 can come from the instruction cycle clock or by an
external clock source (T0CKI pin) defined by T0CS bit (OPTION<5>). If T0CKI pin is selected, the Timer0 is
increased by T0CKI signal rising/falling edge (selected by T0SE bit (OPTION<4>)).
The prescaler is assigned to Timer0 by clearing the PSA bit (OPTION<3>). In this case, the prescaler will be cleared
when TMR0 register is written with a value.
2.1.3 PCL (Low Bytes of Program Counter) & Stack
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
02h (r/w)
PCL
Low order 8 bits of PC
TLC156 devices have a 9-bit (for TLC154/155) or 10-bit (for TLC156) or 11-bit (for TLC157)
wide Program Counter (PC) and five-level deep 9-bit (10-bit, or 11-bit) hardware push/pop stack. The low byte of PC
is called the PCL register. This register is readable and writable. The high byte of PC is called the PCH register. This
register contains the PC<10:8> bits and is not directly readable or writable. All updates to the PCH register go
through the PCHBUF register. As a program instruction is executed, the Program Counter will contain the address
of the next program instruction to be executed. The PC value is increased by one, every instruction cycle, unless an
instruction changes the PC.
For a GOTO instruction, the PC<9:0> is provided by the GOTO instruction word. The PC<10> is updated from the
PCHBUF<2>. The PCL register is mapped to PC<7:0>, and the PCHBUF register is not updated.
For a CALL instruction, the PC<9:0> is provided by the CALL instruction word. The PC<10> is updated from the
PCHBUF<2>. The next PC will be loaded (PUSHed) onto the top of STACK. The PCL register is mapped to
PC<7:0>, and the PCHBUF register is not updated.
For a RETIA, RETFIE, or RETURN instruction, the PC are updated (POPed) from the top of STACK. The PCL
register is mapped to PC<7:0>, and the PCHBUF register is not updated.
For any instruction where the PCL is the destination, the PC<7:0> is provided by the instruction word. However, the
PC<10:8> will come from the PCHBUF<2:0> register (PCHBUF
à PCH).
PCHBUF register is never updated with the contents of PCH.
bank select
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156


Similar Part No. - TLC154ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDW TI-TLC1541CDW Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDW TI1-TLC1541CDW Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDWG4 TI1-TLC1541CDWG4 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC154ED

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com