Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62LS4008GC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UC62LS4008GC
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS4008GC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UC62LS4008GC Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS4008GC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
PIN DESCRIPTION
Name
Type
Function
A0 – A18
Input
Address inputs for selecting one of the 524,288 x 8 bit words in the RAM
CE\
Input
CE\ is active LOW. Chip enable must be active when data read from or write to the device. If chip
enable is not active, the device is deselected and not in a standby power down mode. The DQ
pins will be in high impedance state when the device is deselected.
WE\
Input
The Write enable input is active LOW and controls read and write operations. With the chip
selected, when WE\ is HIGH and OE\ is LOW, output data will be present on the DQ pins, when
WE\ is LOW, the data present on the DQ pins will be written into the selected memory location.
OE\
Input
The output enable input is active LOW. If the output enable is active while the chip is selected
and the write enable is inactive, data will be present on the DQ pins and they will be enabled.
The DQ pins will be in the high impedance state when OE\ is inactive.
DQ0 – DQ7
I/O
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
TRUTH TABLE
Mode
WE\
CE\
OE\
I/O state
Vcc Current
Not Selected
X
H
X
High Z
ISB,ISB1
Output Disabled
H
L
H
High Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNIT
VTERM
Terminal Voltage with
Respect to GND
-0.5 to VCC+0.5
V
TBIAS
Temperature Under Bias
-40 to 125
TSTG
Storage Temperature
-50 to 150
PT
Power Dissipation
1
W
IOUT
DC Output Current
20
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
RANGE
AMBIENT
TEMPERATURE
VCC
Commercial
0℃ to 70℃
3.0V ~ 3.6V
CAPACITANCE
(1)(TA=25℃,f=1.0MHz)
SYMBOL
PARAMETER
CONDITIONS MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VDQ
8
pF
1. This parameter is guaranteed and not 100% tested.
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
2


Similar Part No. - UC62LS4008GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS4096 ETC1-UC62LS4096 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LS4096AC-20 ETC1-UC62LS4096AC-20 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LS4096AC-25 ETC1-UC62LS4096AC-25 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LS4096AI-20 ETC1-UC62LS4096AI-20 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LS4096AI-25 ETC1-UC62LS4096AI-25 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
More results

Similar Description - UC62LS4008GC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
GLT6400L08 ETC-GLT6400L08 Datasheet
146Kb / 10P
   Ultra Low Power 512k x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com