Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2308A-2L Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C2308A-2L
Description  3.3V Zero-Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2308A-2L Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C2308A-2L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C2308A-2L Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8385B
08/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2308A
3.3V Zero Delay Buffer
VDD
CLOAD
VDD
GND
GND
CLK out
OUTPUTS
0.1
mF
0.1
mF
Test Circuit for all parameters except t8
VDD
10pF
VDD
GND
GND
CLK out
OUTPUTS
0.1
mF
0.1
mF
Test Circuit for t8 ,Output slew rate on -1H device
1k
W
1k
W
Switching Waveforms
Test Circuit #2
Test Circuit #1
t 2
t 1
1.4V
1.4V
1.4V
t 4
t 3
0.8V
2.0V
0.8V
2.0V
OUTPUT
0V
3.3V
1.4V
t 5
OUTPUT
1.4V
OUTPUT
VDD/2
t 6
INPUT
VDD/2
FBK
VDD/2
t 7
FBK Device 1
VDD/2
FBK Device 2
Duty Cycle Timing
All Outputs Rise/Fall Time
Output-Output Skew
Input-Output Propagation Delay
Device-Device Skew


Similar Part No. - PI6C2308A-2L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HL PERICOM-PI6C2308-1HL Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HLI PERICOM-PI6C2308-1HLI Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HW PERICOM-PI6C2308-1HW Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HWI PERICOM-PI6C2308-1HWI Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2308A-2L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com