Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR720-EVAL Datasheet(PDF) 11 Page - STMicroelectronics

Part # STR720-EVAL
Description  Evaluation Board for STR72xF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720-EVAL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STR720-EVAL Datasheet HTML 7Page - STMicroelectronics STR720-EVAL Datasheet HTML 8Page - STMicroelectronics STR720-EVAL Datasheet HTML 9Page - STMicroelectronics STR720-EVAL Datasheet HTML 10Page - STMicroelectronics STR720-EVAL Datasheet HTML 11Page - STMicroelectronics STR720-EVAL Datasheet HTML 12Page - STMicroelectronics STR720-EVAL Datasheet HTML 13Page - STMicroelectronics STR720-EVAL Datasheet HTML 14Page - STMicroelectronics STR720-EVAL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
STR720-EVAL
2 Hardware
10/31
Status LEDs
2.13
Push buttons
2.14
Option jumper placement
Jumpers are fitted as shown in
Figure 4, the position of the jumbers on the board are shown in
Figure 5 on page 11.
Table 4.
Status LEDs
LED
Description
Schematic
Color
LD1
+5 V
Section 4.2 on page 19
Red
LD2
+3.3 V
Section 4.2 on page 19
Red
LD3
ATAPI HDD
Section 4.5 on page 22
Yellow
LD4
reset indicator
Section 4.1 on page 18
Red/green
LD18
USB indicator
Section 4.9 on page 26
Yellow
Table 5.
Status push buttons
Button
Connected to
Schematic
Board reset SW1
power on reset
Section 4.8 on page 25
Previous SW8
P3.10_EINT2
Section 4.1 on page 18
Next SW9
P3.8_EINT0
Section 4.1 on page 18
Select SW10
P3.9_EINT1
Section 4.1 on page 18
RTC reset SW11
not RTC_reset
Section 4.1 on page 18
Figure 4.
Jumper positions
Table 6.
Option jumpers
Jumper
Figure
Description
Default
J1
Section 4.8 on page 25
notRST to notJTRST connect: fitted = enabled,
not fitted = disabled
Fitted
J2
Section 4.10 on page 27
CAN loopback link: not fitted / fitted (default)
Not fitted
Not fitted
Do not fit
Fitted


Similar Part No. - STR720-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720 STMICROELECTRONICS-STR720 Datasheet
2Mb / 401P
   ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
STR720RBQ6 STMICROELECTRONICS-STR720RBQ6 Datasheet
2Mb / 401P
   ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
STR720RXH6 STMICROELECTRONICS-STR720RXH6 Datasheet
2Mb / 401P
   ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
More results

Similar Description - STR720-EVAL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
   Evaluation Board for CS3308
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com